Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTB143ECHZG Datasheet (PDF) - Rohm

DTB143ECHZG Datasheet PDF - Rohm
Part # DTB143ECHZG
Download  DTB143ECHZG Download

File Size   1138.97 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description -500mA/-50V Digital transistor (with built-in resistor)

DTB143ECHZG Datasheet (PDF)

Go To PDF Page Download Datasheet
DTB143ECHZG Datasheet PDF - Rohm

Part # DTB143ECHZG
Download  DTB143ECHZG Click to download

File Size   1138.97 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description -500mA/-50V Digital transistor (with built-in resistor)

DTB143ECHZG Datasheet (HTML) - Rohm

DTB143ECHZG Datasheet HTML 1Page - Rohm DTB143ECHZG Datasheet HTML 2Page - Rohm DTB143ECHZG Datasheet HTML 3Page - Rohm DTB143ECHZG Datasheet HTML 4Page - Rohm DTB143ECHZG Datasheet HTML 5Page - Rohm DTB143ECHZG Datasheet HTML 6Page - Rohm DTB143ECHZG Datasheet HTML 7Page - Rohm DTB143ECHZG Datasheet HTML 8Page - Rohm DTB143ECHZG Datasheet HTML 9Page - Rohm



Similar Part No. - DTB143ECHZG

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB143EC ROHM-DTB143EC Datasheet
65Kb / 3P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
DTB143EC LRC-DTB143EC Datasheet
77Kb / 2P
   Digital transistors(built-in resistors)
logo
E-Tech Electronics LTD
DTB143EC ETL-DTB143EC Datasheet
110Kb / 2P
   Digital transistors (built-in resistors)
logo
Rohm
DTB143EC ROHM-DTB143EC Datasheet
1Mb / 8P
   Digital transistor
DTB143ECT216 ROHM-DTB143ECT216 Datasheet
520Kb / 6P
   PNP -500mA -50V Digital Transistors
More results


Similar Description - DTB143ECHZG

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB114GCHZG ROHM-DTB114GCHZG Datasheet
1Mb / 8P
   -500mA/-50V Digital transistor (with built-in resistor)
DTD114GCHZG ROHM-DTD114GCHZG Datasheet
983Kb / 7P
   500mA/50V Digital transistor (with built-in resistor)
DTB123ECHZG ROHM-DTB123ECHZG Datasheet
1Mb / 9P
   500mA/-50V Digital transistor (with built-in resistor)
DTB123YK ROHM-DTB123YK_09 Datasheet
143Kb / 3P
   500mA / 50V Digital transistors (with built-in resistor)
DTB114ECHZG ROHM-DTB114ECHZG Datasheet
974Kb / 9P
   PNP -500mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
DTD123ECHZG ROHM-DTD123ECHZG Datasheet
1Mb / 9P
   NPN 500mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTB123EKFRA ROHM-DTB123EKFRA Datasheet
1Mb / 8P
   -500mA/-50V Digital transistor (with built-in resistors)
DTD114ECHZG ROHM-DTD114ECHZG Datasheet
1Mb / 8P
   500mA/50V Digital transistor (with built-in resistors)
DTD143ECHZG ROHM-DTD143ECHZG Datasheet
1Mb / 8P
   500mA/50V Digital transistor (with built-in resistors)
DTB113ZCHZG ROHM-DTB113ZCHZG Datasheet
1Mb / 9P
   500mA/-50V Digital transistor (with built-in resistors)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com