Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1206 Datasheet (PDF) - Maxim Integrated Products

MAX1206 Datasheet PDF - Maxim Integrated Products
Part # MAX1206
Download  MAX1206 Download

File Size   609.58 Kbytes
Page   29 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 40Msps, 12-Bit ADC

MAX1206 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1206 Datasheet PDF - Maxim Integrated Products

Part # MAX1206
Download  MAX1206 Click to download

File Size   609.58 Kbytes
Page   29 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 40Msps, 12-Bit ADC

MAX1206 Datasheet (HTML) - Maxim Integrated Products

Back Button MAX1206 Datasheet HTML 1Page - Maxim Integrated Products MAX1206 Datasheet HTML 2Page - Maxim Integrated Products MAX1206 Datasheet HTML 3Page - Maxim Integrated Products MAX1206 Datasheet HTML 4Page - Maxim Integrated Products MAX1206 Datasheet HTML 5Page - Maxim Integrated Products MAX1206 Datasheet HTML 6Page - Maxim Integrated Products MAX1206 Datasheet HTML 7Page - Maxim Integrated Products MAX1206 Datasheet HTML 8Page - Maxim Integrated Products MAX1206 Datasheet HTML 9Page - Maxim Integrated Products MAX1206 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX1206 Product details

General Description
The MAX1206 is a 3.3V, 12-bit analog-to-digital converter (ADC) featuring a fully differential wideband track-andhold (T/H) input, driving the internal quantizer. The MAX1206 is optimized for low power, small size, and high dynamic performance. This ADC operates from a single 3.0V to 3.6V supply, consuming only 159mW, while delivering a typical signal-to-noise ratio (SNR) performance of 68.6dB at a 20MHz input frequency. The T/H-driven input stage accepts single-ended or differential inputs. In addition to low operating power, the MAX1206 features a 0.15mW power-down mode to conserve power during idle periods.

Features
♦ Excellent Dynamic Performance
    68.6dB SNR at fIN = 20MHz
    90dBc SFDR at fIN = 20MHz
♦ Low-Power Operation
    159mW at 3.0V (Single-Ended Clock)
    181mW at 3.3V (Single-Ended Clock)
    198mW at 3.3V (Differential Clock)
♦ Differential or Single-Ended Clock
♦ Accepts 20% to 80% Clock Duty Cycle
♦ Fully Differential or Single-Ended Analog Input
♦ Adjustable Full-Scale Analog Input Range
♦ Common-Mode Reference
♦ Power-Down Mode
♦ CMOS-Compatible Outputs in Two’s Complement or Gray Code
♦ Data-Valid Indicator Simplifies Digital Design
♦ Out-of-Range and Data-Valid Indicators
♦ Miniature, 40-Pin Thin QFN Package with Exposed Paddle
♦ Pin-Compatible, IF Sampling ADC Available (MAX1211ETL)
♦ Evaluation Kit Available (Order MAX1211EVKIT)

Applications
    Communication Receivers Cellular, LMDS, Point-to-Point Microwave, MMDS, HFC, WLAN
    Ultrasound and Medical Imaging
    Portable Instrumentation
    Low-Power Data Acquisition




Similar Part No. - MAX1206

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1206 MAXIM-MAX1206 Datasheet
762Kb / 28P
   14-Bit, 95Msps, 3.3V ADC
Rev 0; 10/04
MAX1206 MAXIM-MAX1206 Datasheet
544Kb / 13P
   Fully Differential or Single-Ended Signal Input Configuration
Rev 1; 6/05
MAX1206ETL MAXIM-MAX1206ETL Datasheet
544Kb / 13P
   Fully Differential or Single-Ended Signal Input Configuration
Rev 1; 6/05
More results


Similar Description - MAX1206

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD6440 EXAR-XRD6440 Datasheet
1Mb / 28P
   10-BIT 40MSPS CMOS ADC
logo
Maxim Integrated Produc...
MAX1126 MAXIM-MAX1126 Datasheet
790Kb / 25P
   Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
19-3143; Rev 1; 3/04
MAX1421 MAXIM-MAX1421 Datasheet
310Kb / 17P
   12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
19-1900; Rev 0; 5/01
MAX1436B MAXIM-MAX1436B Datasheet
516Kb / 24P
   Octal, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
logo
Burr-Brown (TI)
ADS5240 BURR-BROWN-ADS5240 Datasheet
418Kb / 24P
   4-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
ADS5270 BURR-BROWN-ADS5270 Datasheet
439Kb / 18P
   8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX1126 MAXIM-MAX1126_V01 Datasheet
1Mb / 26P
   Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
2005
MAX1421 MAXIM-MAX1421_V01 Datasheet
571Kb / 17P
   12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
2006
logo
Exar Corporation
XRD64L42 EXAR-XRD64L42 Datasheet
204Kb / 16P
   Dual 10-Bit 40MSPS CMOS ADC
XRD64L43 EXAR-XRD64L43 Datasheet
5Mb / 20P
   Dual 10-Bit 40MSPS CMOS ADC
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com