|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HCD666SC - 12V OCXO FAST WARM UP - List of Unclassifed Manufacturers |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HCD665 | OCXO Sine Output - Fast Warm Up | 1 | Golledge Electronics Ltd |
| HCD666 | OCXO HCMOS Output - Fast Warm Up | 1 | Golledge Electronics Ltd |
| OD-X8JXXXXX | Precision Low Power Consumption Fast Warm-up SC-cut OCXO in 20x20 mm Through Hole Package | 1 2 3 | Nel Frequency Controls,inc |
| HCD310 | 12V OCXO Low Profile | 1 | Golledge Electronics Ltd |
| MCOCXO | 12V OCXO HCMOS Output 14-pin DIL | 1 | Golledge Electronics Ltd |
| MCOCXOS | 12V OCXO Sine Output 14-pin DIL | 1 | Golledge Electronics Ltd |
| C4400 | OCXO 4-Pin Dip Surface Mount Package Optional Fast Warm-up | 1 2 3 4 5 | Vectron International, Inc |
| C4600 | OCXO Standard Package Low Aging AT-Cut and SC-Cut Crystal Options Fast Warm-up | 1 2 3 4 | Vectron International, Inc |
| NTE933 | Integrated Circuit Positive 3 Terminal Voltage Regulator 12V 5A | 1 2 | NTE Electronics |
| TDA8138 | 5.1V+ 12V REGULATOR WITH DISABLE AND RESET | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 |
Link URL |
|
|