|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SHF-0589 - 0.05-3 GHz, 2 Watt GaAs HFET - List of Unclassifed Manufacturers |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SHF-0289 | DC-3 GHz 1.0 Watt GaAs HFET | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| SHF-0189 | 0.05 - 6 GHz 0.5 Watt GaAs HFET | 1 2 3 4 | List of Unclassifed Manufacturers |
| SHF-0186 | DC-12 GHz 0.5 Watt AlGaAs/GaAs HFET | 1 2 3 4 | Stanford Microdevices |
| HMC595 | GaAs MMIC 3 WATT T/R SWITCH DC - 3 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| SHF-0198 | DC-12 GHz 0.5 Watt AIGaAs/GaAs HFET | 1 2 3 | Stanford Microdevices |
| HMC484MS8G | GaAs MMIC 10 WATT T/R SWITCH DC - 3.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| HMC409LP4 | GaAs InGaP HBT 1 WATT POWER AMPLIFIER 3.3 - 3.8 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| HMC574MS8 | GaAs MMIC 5 WATT T/R SWITCH DC - 3 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| HMC408LP3 | GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER 5.1 - 5.9 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| SHF-0186K | DC-3 GHz 0.5 Watt AlGaAs/GaAs HFET | 1 2 3 4 | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|