|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MG1200V1US51 - TOSHIBA GTR MODULE SILICON N-CHANNEL IGBT - Toshiba Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 2SK3880 | TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type | 1 2 3 4 5 More | Toshiba Semiconductor |
| DIM200WLS12-A000 | IGBT Chopper Module - Lower Arm Control | 1 2 3 4 5 More | Dynex Semiconductor |
| STGB14NC60KD_06 | N-channel 14A - 600V - TO-220 - TO-220FP - D2PAK Short circuit rated PowerMESH TM IGBT | 1 2 3 4 5 More | STMicroelectronics |
| STGP10NC60H_06 | N-channel 10A - 600V - TO-220 Very fast PowerMESH TM IGBT | 1 2 3 4 5 More | STMicroelectronics |
| 2SK3593-01 | N-CHANNEL SILICON POWER MOSFET | 1 2 3 4 | Fuji Electric |
| 2SK2595 | Silicon N-Channel MOS FET UHF Power Amplifier | 1 2 3 4 5 More | Renesas Technology Corp |
| 2SK3679-01MR | N-CHANNEL SILICON POWER MOSFET | 1 2 3 4 | Fuji Electric |
| TPD4105AK | TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC | 1 2 3 4 5 More | Toshiba Semiconductor |
| MS5F5617 | IGBT module | 1 2 3 4 5 More | Fuji Electric |
| DIM600BSS12-A000 | Single Switch IGBT Module | 1 2 3 4 5 More | Dynex Semiconductor |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|