|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LM3875 - OverturTM Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier - National Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MB3730A | 14W BTL AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | Fujitsu Component Limited. |
| 2SD1406 | AUDIO FREQUENCY POWER AMPLIFIER APPLICATIONS | 1 2 | Toshiba Semiconductor |
| 2SB965 | PNP Silicon Epitaxial/NPN Triple Diffused Transistor Audio Frequency Power Amplifier | 1 | NEC |
| NCP2892 | 1.3 Watt Audio Power Amplifier with Fast Turn On Time | 1 2 3 4 5 More | ON Semiconductor |
| NCP2990 | 1.3 Watt Audio Power Amplifier with Fast Turn On Time | 1 2 3 4 5 More | ON Semiconductor |
| NCP4894 | 1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown | 1 2 3 4 5 More | ON Semiconductor |
| NCP4896 | 1.0 Watt Audio Power Amplifier with Earpiece Driving Capability | 1 2 3 4 5 More | ON Semiconductor |
| TPA3107D2 | 15-W STEREO CLASS-D AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | Texas Instruments |
| NCP9002 | 1.3 Watt Audio Power Amplifier with Fast Turn On Time | 1 2 3 4 5 More | ON Semiconductor |
| NCP9004 | 2.65 W Filterless Class−D Audio Power Amplifier | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 |
Link URL |
|
|