Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM383T Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LM383T Datasheet PDF - National Semiconductor (TI)
Part # LM383T
Download  LM383T Download

File Size   92.68 Kbytes
Page   6 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 7W Audio Power Amplifier

LM383T Datasheet (PDF)

Go To PDF Page Download Datasheet
LM383T Datasheet PDF - National Semiconductor (TI)

Part # LM383T
Download  LM383T Click to download

File Size   92.68 Kbytes
Page   6 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 7W Audio Power Amplifier

LM383T Datasheet (HTML) - National Semiconductor (TI)

LM383T Datasheet HTML 1Page - National Semiconductor (TI) LM383T Datasheet HTML 2Page - National Semiconductor (TI) LM383T Datasheet HTML 3Page - National Semiconductor (TI) LM383T Datasheet HTML 4Page - National Semiconductor (TI) LM383T Datasheet HTML 5Page - National Semiconductor (TI) LM383T Datasheet HTML 6Page - National Semiconductor (TI)



Similar Part No. - LM383T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM383T NSC-LM383T Datasheet
366Kb / 9P
   Low Noise PREAMPLIFIER FOR TAPE PLAYBACK SYSTEMS//7 WATT AUDIO POWER AMPLIFIER
More results


Similar Description - LM383T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TBA810P STMICROELECTRONICS-TBA810P Datasheet
70Kb / 3P
   7W AUDIO AMPLIFIER
logo
NTE Electronics
NTE1115 NTE-NTE1115 Datasheet
30Kb / 4P
   Integrated Circuit Audio Power Amplifier, 7W
logo
List of Unclassifed Man...
CD7377CZ ETC2-CD7377CZ Datasheet
374Kb / 8P
   7W×4 four-channel audio power amplifier circuit Version
S-2012-04-A
logo
NTE Electronics
NTE1606 NTE-NTE1606 Datasheet
22Kb / 2P
   Integrated Circuit Dual Audio Power Amplifier, 4W to 7W
logo
NEC
UPC1242H NEC-UPC1242H Datasheet
368Kb / 7P
   7W AF POWER AMPLIFIER
logo
Sanyo Semicon Device
STK4352 SANYO-STK4352 Datasheet
465Kb / 6P
   AF Power Amplifier (7W 7W min, THD = 1.0%)
logo
STMicroelectronics
TDA7266SA STMICROELECTRONICS-TDA7266SA Datasheet
522Kb / 11P
   7W7W DUAL BRIDGE AMPLIFIER
logo
NTE Electronics
NTE1392 NTE-NTE1392 Datasheet
23Kb / 2P
   Integrated Circuit Audio Power Amp, 7W
logo
National Semiconductor ...
LM4756 NSC-LM4756 Datasheet
675Kb / 17P
   Dual 7W Audio Power Amplifier w/Mute, Standby and Volume Control
logo
NTE Electronics
NTE7101 NTE-NTE7101 Datasheet
22Kb / 2P
   Integrated Circuit AF Power Amplifier, 7W
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com