|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FDP20N40 - 20A, 400V, 0.216 Ohm, N-Channel SMPS Power MOSFET - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FDH34N40 | 34A 400V 0.115 Ohm N-Channel SMPS Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| HUF76419D3 | 20A 60V 0.043 Ohm N-Channel Logic Level UltraFET Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| IRF720 | 3.3A 400V 1.800 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| BUZ351 | 11.5A 400V 0.400 Ohm N-Channel Power MOSFET | 1 | Intersil Corporation |
| IRF730 | 5.5A 400V 1.000 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| HUF76429D3 | 20A 60V 0.027 Ohm N-Channel Logic Level UltraFET Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| BUZ60 | 5.5A 400V 1.000 Ohm N-Channel Power MOSFET | 1 2 3 4 5 | Intersil Corporation |
| IRF740 | 10A 400V 0.550 Ohm N-Channel Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| FDH15N50 | 15A 500V 0.38 Ohm N-Channel SMPS Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| HUF76629D3 | 20A 100V 0.054 Ohm N-Channel Logic Level UltraFET Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|