|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2SD882S-E-AB3-K - MEDIUM POWER LOW VOLTAGE TRANSISTOR - Unisonic Technologies |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 2SB1188 | MEDIUM POWER LOW VOLTAGE TRANSISTOR | 1 2 3 4 | Unisonic Technologies |
| 2SD882_05 | MEDIUM POWER LOW VOLTAGE TRANSISTOR | 1 2 3 4 | Unisonic Technologies |
| 2SD882S | MEDIUM POWER LOW VOLTAGE TRANSISTOR | 1 2 3 4 | Unisonic Technologies |
| SB2202 | MEDIUM POWER LOW VOLTAGE TRANSISTOR | 1 2 3 4 | Unisonic Technologies |
| B772SS | MEDIUM POWER LOW VOLTAGE TRANSISTOR | 1 2 3 4 | Unisonic Technologies |
| ST600K | LOW VOLTAGE NPN POWER TRANSISTOR | 1 2 3 4 5 More | STMicroelectronics |
| STX790A_06 | Medium Current High Performance Low Voltage PNP Transistor | 1 2 3 4 5 More | STMicroelectronics |
| ZX5T869Z | 25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89 | 1 2 3 4 5 More | Zetex Semiconductors |
| 2STL1360 | LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR | 1 2 | STMicroelectronics |
| ZX5T953G | 100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223 | 1 2 3 4 5 More | Zetex Semiconductors |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|