Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPSC15H12D Datasheet (PDF) - STMicroelectronics

STPSC15H12D Datasheet PDF - STMicroelectronics
Part # STPSC15H12D
Download  STPSC15H12D Download

File Size   435.22 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1200 V power Schottky silicon carbide diode

STPSC15H12D Datasheet (PDF)

Go To PDF Page Download Datasheet
STPSC15H12D Datasheet PDF - STMicroelectronics

Part # STPSC15H12D
Download  STPSC15H12D Click to download

File Size   435.22 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1200 V power Schottky silicon carbide diode

STPSC15H12D Datasheet (HTML) - STMicroelectronics

STPSC15H12D Datasheet HTML 1Page - STMicroelectronics STPSC15H12D Datasheet HTML 2Page - STMicroelectronics STPSC15H12D Datasheet HTML 3Page - STMicroelectronics STPSC15H12D Datasheet HTML 4Page - STMicroelectronics STPSC15H12D Datasheet HTML 5Page - STMicroelectronics STPSC15H12D Datasheet HTML 6Page - STMicroelectronics STPSC15H12D Datasheet HTML 7Page - STMicroelectronics STPSC15H12D Datasheet HTML 8Page - STMicroelectronics



Similar Part No. - STPSC15H12D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC15H12-Y STMICROELECTRONICS-STPSC15H12-Y Datasheet
408Kb / 8P
   Robust high voltage periphery
January 2017 Rev 1
STPSC15H12G2-TR STMICROELECTRONICS-STPSC15H12G2-TR Datasheet
375Kb / 11P
   1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC15H12G2Y-TR STMICROELECTRONICS-STPSC15H12G2Y-TR Datasheet
379Kb / 11P
   Automotive 1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - September 2020
More results


Similar Description - STPSC15H12D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC6H12 STMICROELECTRONICS-STPSC6H12 Datasheet
267Kb / 8P
   1200 V power Schottky silicon carbide diode
September 2016 Rev 5
STPSC2H12 STMICROELECTRONICS-STPSC2H12 Datasheet
468Kb / 10P
   1200 V power Schottky silicon carbide diode
January 2017 Rev 1
STPSC10H12 STMICROELECTRONICS-STPSC10H12 Datasheet
438Kb / 8P
   1200 V power Schottky silicon carbide diode
STPSC5H12 STMICROELECTRONICS-STPSC5H12 Datasheet
469Kb / 10P
   1200 V power Schottky silicon carbide diode
January 2017 Rev 1
STPSC10H12C STMICROELECTRONICS-STPSC10H12C Datasheet
432Kb / 10P
   1200 V power Schottky silicon carbide diode
February 2017 Rev 1
STPSC20H12 STMICROELECTRONICS-STPSC20H12 Datasheet
436Kb / 8P
   1200 V power Schottky silicon carbide diode
May 2016 Rev 2
STPSC10H12-Y STMICROELECTRONICS-STPSC10H12-Y Datasheet
534Kb / 10P
   Automotive grade 1200 V power Schottky silicon carbide diode
January 2017 Rev 2
STPSC40H12C-Y STMICROELECTRONICS-STPSC40H12C-Y Datasheet
257Kb / 10P
   40 A 1200 V power Schottky silicon carbide diode
Rev 1 - January 2021
STPSC15H12G2-TR STMICROELECTRONICS-STPSC15H12G2-TR Datasheet
375Kb / 11P
   1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC10H12B2-TR STMICROELECTRONICS-STPSC10H12B2-TR Datasheet
224Kb / 11P
   1200 V, 10 A, silicon carbide power Schottky diode
- Rev 1 - August 2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com