Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2879T Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LM2879T Datasheet PDF - National Semiconductor (TI)
Part # LM2879T
Download  LM2879T Download

File Size   171.79 Kbytes
Page   8 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description LM2879 Dual 8W Audio Amplifier

LM2879T Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2879T Datasheet PDF - National Semiconductor (TI)

Part # LM2879T
Download  LM2879T Click to download

File Size   171.79 Kbytes
Page   8 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description LM2879 Dual 8W Audio Amplifier

LM2879T Datasheet (HTML) - National Semiconductor (TI)

LM2879T Datasheet HTML 1Page - National Semiconductor (TI) LM2879T Datasheet HTML 2Page - National Semiconductor (TI) LM2879T Datasheet HTML 3Page - National Semiconductor (TI) LM2879T Datasheet HTML 4Page - National Semiconductor (TI) LM2879T Datasheet HTML 5Page - National Semiconductor (TI) LM2879T Datasheet HTML 6Page - National Semiconductor (TI) LM2879T Datasheet HTML 7Page - National Semiconductor (TI) LM2879T Datasheet HTML 8Page - National Semiconductor (TI)



Similar Part No. - LM2879T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2876 NSC-LM2876 Datasheet
565Kb / 19P
   Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM2876 NSC-LM2876 Datasheet
658Kb / 22P
   Overture Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
logo
Texas Instruments
LM2876 TI1-LM2876 Datasheet
870Kb / 28P
[Old version datasheet]   Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier
logo
National Semiconductor ...
LM2876T NSC-LM2876T Datasheet
565Kb / 19P
   Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM2876TF NSC-LM2876TF Datasheet
565Kb / 19P
   Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
More results


Similar Description - LM2879T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA1908 STMICROELECTRONICS-TDA1908 Datasheet
208Kb / 12P
   8W AUDIO AMPLIFIER
logo
Shenzhenshi YONGFUKANG ...
TDA7266SA YONGFUKANG-TDA7266SA Datasheet
226Kb / 5P
   Dual 8W Bridge Audio Amplifier Circuit - TDA7266SA
logo
Silan Microelectronics ...
SA7347 SILAN-SA7347 Datasheet
265Kb / 8P
   4CH AUDIO POWER AMPLIFIER(8W X4)
logo
Anpec Electronics Corop...
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
   8W Stereo Class-D Audio Power Amplifier
logo
STMicroelectronics
TDA7497S STMICROELECTRONICS-TDA7497S Datasheet
179Kb / 7P
   8W8W15W TRIPLE AMPLIFIER
TDA7497SA STMICROELECTRONICS-TDA7497SA Datasheet
630Kb / 10P
   8W8W15W TRIPLE AMPLIFIER
logo
NTE Electronics
NTE1232 NTE-NTE1232 Datasheet
25Kb / 3P
   Integrated Circuit Audio Amplifier for Car Radio, 8W
logo
Integrated Silicon Solu...
IS31AP2117 ISSI-IS31AP2117 Datasheet
282Kb / 9P
   8W/CH STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Lowpower Semiconductor ...
LPA2173 POWER-LPA2173 Datasheet
562Kb / 9P
   8W Mono Class- F Audio Amplifier With EQ Function
LPA2164 POWER-LPA2164 Datasheet
701Kb / 16P
   8W Class- F Audio Amplifier With Boost Convertor Integrated
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com