|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
30PRA60 - FRD - 3A 600A 210ns - Nihon Inter Electronics Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 30PRA40 | FRD - 3A 400A 210ns | 1 2 3 4 5 | Nihon Inter Electronics Corporation |
| 10DRA60 | FRD - 1A 600A 120ns | 1 2 3 4 5 | Nihon Inter Electronics Corporation |
| 30DF4 | FRD SUPER FAST RECOVERY | 1 2 | Nihon Inter Electronics Corporation |
| FRS200BA50 | DIODE MODULE FRD | 1 2 | List of Unclassifed Manufacturers |
| PD50F6 | FRD MODULE 50A/600V/ TRR : 100 NSEC | 1 2 | Nihon Inter Electronics Corporation |
| 10ERB10 | FRD - 1A 100V 60ns | 1 2 3 4 5 | Nihon Inter Electronics Corporation |
| EA61FC6 | FRD - Low Power Loss | 1 2 3 4 5 | Nihon Inter Electronics Corporation |
| FSU20B60 | FRD - For Power Factor Improvement High Frequency Rectification | 1 2 3 4 5 | Nihon Inter Electronics Corporation |
| KCF60A60E | FRD - Low Forward Voltage Drop | 1 2 3 4 | Nihon Inter Electronics Corporation |
| P2H80F2 | FRD MODULE 80A/200V | 1 2 3 | Nihon Inter Electronics Corporation |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|