|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TDA1024 - A MAIN-ZERO TRIAC-TRIGGERING CIRCUIT - NXP Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| M52325AP | SECAM DECODER LINEAR INTEGRATED CIRCUIT | 1 2 3 4 5 More | Mitsubishi Electric Semiconductor |
| TBA720A | LINE OSCILLATOR CIRCUIT | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| MRFIC0931 | BALANCED TRANSMIT MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT | 1 2 3 4 | Motorola, Inc |
| MRFIC2404 | 2.4 GHz EXCITER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT | 1 2 3 4 5 More | Motorola, Inc |
| UPC2714T | 1.8 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT | 1 2 3 4 5 More | NEC |
| UPD3753 | 2088-BIT CCD LINEAR IMAGE SENSOR WITH PERIPHERAL CIRCUIT | 1 2 3 4 5 More | NEC |
| NTE1002 | Integrated Circuit FM IF TV Amp | 1 2 | NTE Electronics |
| NTE1072 | Integrated Circuit FM-AM IF Amp & AF Amp | 1 | NTE Electronics |
| NTE1161 | Integrated Circuit TV Video/Sound IF Amp Detector | 1 2 3 | NTE Electronics |
| NTE1200 | Integrated Circuit Color TV Chroma Processor | 1 2 | NTE Electronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 |
Link URL |
|
|