|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LM385Z - Adjustable Micropower Voltage References - National Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LM385-ADJ | Adjustable Micropower Voltage References | 1 2 3 4 5 More | National Semiconductor |
| LP4950C-5V | Adjustable Micropower Voltage Regulators | 1 2 3 4 5 More | National Semiconductor |
| AD1582 | 2.5 V to 5.0 V Micropower Precision Series Mode Voltage References | 1 2 3 4 5 More | Analog Devices |
| KIA2951P | BIPOLAR LINEAR INTEGRATED CIRCUIT SERIES OF ADJUSTABLE MICROPOWER VOLTAGE REGULATOR | 1 2 3 4 5 More | KEC(Korea Electronics) |
| REF191 | Precision Micropower Low Dropout Voltage References | 1 2 3 4 5 More | Analog Devices |
| LM285 | MICROPOWER VOLTAGE REFERENCES | 1 2 3 4 5 More | Texas Instruments |
| LM285-2.5 | MICROPOWER VOLTAGE REFERENCES | 1 2 3 4 5 More | Texas Instruments |
| LT1004 | MICROPOWER INTEGRATED VOLTAGE REFERENCES | 1 2 3 4 5 More | Texas Instruments |
| AD1582 | 2.5 V to 5.0 V Micropower Precision Series Mode Voltage References | 1 2 3 4 5 More | Analog Devices |
| AMS285 | ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE | 1 2 3 4 5 More | Advanced Monolithic Systems |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 |
Link URL |
|
|