|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LM1458 - Dual Operational Amplifier - National Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| KIA358P | BIPOLAR LINEAR INTEGRATED CIRCUIT DUAL OPERATIONAL AMPLIFIER | 1 2 3 4 | KEC(Korea Electronics) |
| LT1886 | Dual 700MHz 200mA Operational Amplifier | 1 2 3 4 5 More | Linear Technology |
| NJM4556A | DUAL HIGH CURRENT OPERATIONAL AMPLIFIER | 1 2 3 4 5 | New Japan Radio |
| LMC6082 | Precision CMOS Dual Operational Amplifier | 1 2 3 4 5 More | National Semiconductor |
| TL092 | DUAL JFET-INPUT OPERATIONAL AMPLIFIER | 1 2 3 4 5 More | Texas Instruments |
| NTE928 | Integrated Circuit Low Power Dual Operational Amplifier | 1 2 3 | NTE Electronics |
| OP227 | Dual Low Noise Low Offset Instrumentation Operational Amplifier | 1 2 3 4 5 More | Analog Devices |
| OPA2613 | Dual Wideband High Output Current Operational Amplifier with Current Limit | 1 2 3 4 5 More | Texas Instruments |
| NE5532 | Internally-compensated dual low noise operational amplifier | 1 2 3 4 5 More | NXP Semiconductors |
| AD8698 | Dual Precision Rail-to-Rail Output Operational Amplifier | 1 2 3 4 5 More | Analog Devices |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|