|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LM883 - 3-Terminal Adjustable Regulator - National Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NTE1900 | Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator | 1 2 | NTE Electronics |
| LR8 | High Input Voltage Adjustable 3-Terminal Linear Regulator | 1 2 3 4 5 More | Supertex, Inc |
| KA317M | 3-Terminal 0.5A Positive Adjustable Regulator | 1 2 3 4 5 More | Fairchild Semiconductor |
| M5237L | 3-TERMINAL ADJUSTABLE REGULATOR | 1 2 3 4 5 More | Mitsubishi Electric Semiconductor |
| TS317CP | 3-Terminal Adjustable Output Positive Voltage Regulator | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| LM317M | 3-TERMINAL ADJUSTABLE REGULATOR | 1 2 3 4 5 More | Texas Instruments |
| KA337 | 3-Terminal 1.5A Negative Adjustable Regulator | 1 2 3 4 5 More | Fairchild Semiconductor |
| KA350 | 3-Terminal 3A Positive Adjustable Voltage Regulator | 1 2 3 4 5 More | Fairchild Semiconductor |
| LM317 | 3-TERMINAL 1A POSTIVE ADJUSTABLE REGULATOR | 1 2 3 | List of Unclassifed Manufacturers |
| LM317L | 3-TERMINAL ADJUSTABLE REGULATOR | 1 2 3 4 5 More | Texas Instruments |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 |
Link URL |
|
|