|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LM123 - 3-Amp, 5-Volt Positive Regulator - National Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LM330 | 3-Terminal Positive Regulator | 1 2 3 4 5 | National Semiconductor |
| NTE1906 | Integrated Circuit Positive 3 Terminal Voltage Regulator 18V 100mA | 1 2 | NTE Electronics |
| NTE1938 | Integrated Circuit Positive Voltage Regulator 15V 2A | 1 2 | NTE Electronics |
| NTE7027 | Integrated Circuit Module 3 Output Positive Voltage Regulator for VCR | 1 2 | NTE Electronics |
| NTE956 | Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator | 1 2 | NTE Electronics |
| LM350 | THREE.TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR | 1 2 3 4 5 More | Motorola, Inc |
| 78HT200 | 2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR | 1 2 3 4 5 | Texas Instruments |
| US1205 | 300 mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR | 1 2 3 | UNISEM |
| IP1R07A | 3 AMP LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR | 1 2 3 | Seme LAB |
| AIC1117A | 1A Low Dropout Positive Adjustable Regulator | 1 2 3 4 5 More | Analog Intergrations Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|