|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRKD71/06A - ADD-A-pak GEN V Power Modules - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IRKC91 | ADD-A-pak GEN V Power Modules | 1 2 3 4 5 More | International Rectifier |
| IRKV105 | ADD-A-pak GEN V Power Modules THYRISTOR/ THYRISTOR | 1 2 3 4 5 More | International Rectifier |
| IRK91 | ADD-A-pak GEN V Power Modules | 1 2 3 4 5 More | International Rectifier |
| IRKT.71 | ADD-A-pak GEN V Power Modules THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR | 1 2 3 4 5 More | International Rectifier |
| IRK.26 | ADD-A-pakTM GEN V Power Modules | 1 2 3 4 5 More | International Rectifier |
| IRK-71 | ADD - A - pak-TM GEN V Power Modules | 1 2 3 4 5 More | International Rectifier |
| IRK2.6 | ADD-A-pak-TM GEN V Power Modules | 1 2 3 4 5 More | International Rectifier |
| PM50RSE060 | MITSUBISHI INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE | 1 2 3 4 5 More | Mitsubishi Electric Semiconductor |
| MAX8520 | Smallest TEC Power Drivers for Optical Modules | 1 2 3 4 5 More | Maxim Integrated Products |
| LW025 | LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W | 1 2 3 4 5 More | Tyco Electronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|