Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4IBC20W Datasheet (PDF) - International Rectifier

IRG4IBC20W Datasheet PDF - International Rectifier
Part # IRG4IBC20W
Download  IRG4IBC20W Download

File Size   154.11 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description INSULATED GATE BIPOLAR TRANSISTOR

IRG4IBC20W Datasheet (PDF)

Go To PDF Page Download Datasheet
IRG4IBC20W Datasheet PDF - International Rectifier

Part # IRG4IBC20W
Download  IRG4IBC20W Click to download

File Size   154.11 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description INSULATED GATE BIPOLAR TRANSISTOR

IRG4IBC20W Datasheet (HTML) - International Rectifier

IRG4IBC20W Datasheet HTML 1Page - International Rectifier IRG4IBC20W Datasheet HTML 2Page - International Rectifier IRG4IBC20W Datasheet HTML 3Page - International Rectifier IRG4IBC20W Datasheet HTML 4Page - International Rectifier IRG4IBC20W Datasheet HTML 5Page - International Rectifier IRG4IBC20W Datasheet HTML 6Page - International Rectifier IRG4IBC20W Datasheet HTML 7Page - International Rectifier IRG4IBC20W Datasheet HTML 8Page - International Rectifier

IRG4IBC20W Product details

Features
• Designed expressly for Switch-Mode Power
   Supply and PFC (power factor correction)
   applications
• 2.5kV, 60s insulation voltage 
• Industry-benchmark switching losses improve
   efficiency of all power supply topologies
• 50% reduction of Eoff parameter
• Low IGBT conduction losses
• Latest-generation IGBT design and construction offers
   tighter parameters distribution, exceptional reliability
• Industry standard Isolated TO-220 FullpakTM
   outline

Benefits
• Lower switching losses allow more cost-effective
   operation than power MOSFETs up to 150 kHz
   ("hard switched" mode)
• Of particular benefit to single-ended converters and
   boost PFC topologies 150W and higher
• Low conduction losses and minimal minority-carrier
   recombination make these an excellent option for
   resonant mode switching as well (up to >>300 kHz)




Similar Part No. - IRG4IBC20W

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4IBC20W IRF-IRG4IBC20W Datasheet
215Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4IBC20WPBF IRF-IRG4IBC20WPBF Datasheet
215Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4IBC20WPBF IRF-IRG4IBC20WPBF Datasheet
254Kb / 8P
   Designed expressly for Switch-Mode Power
IRG4IBC20WPBF IRF-IRG4IBC20WPBF_15 Datasheet
254Kb / 8P
   Designed expressly for Switch-Mode Power
IRG4IBC20W IRF-IRG4IBC20W_04 Datasheet
215Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Similar Description - IRG4IBC20W

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com