|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LM883 - Voltage Regulators - National Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| UPC7800A | THREE TERMINAL POSITIVE VOLTAGE REGULATORS | 1 2 3 4 5 More | NEC |
| MC78T00 | THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS | 1 2 3 4 5 More | ON Semiconductor |
| L4918 | VOLTAGE REGULATORS PLUS FILTER | 1 2 3 4 5 More | STMicroelectronics |
| LD1086 | 1.5A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS | 1 2 3 4 5 More | STMicroelectronics |
| TL750L | LOW-DROPOUT VOLTAGE REGULATORS | 1 2 3 4 5 More | Texas Instruments |
| PQ30RV1 | Variable Output Low Power-Loss Voltage Regulators | 1 2 3 4 5 More | Sharp Electrionic Components |
| SPX2940 | 1A Low Dropout Voltage Regulators | 1 2 3 4 5 More | Sipex Corporation |
| HA17800V | 3-terminal Fixed Voltage Regulators | 1 2 3 4 5 More | Hitachi Semiconductor |
| KIA78S05P | BIPOLAR LINEAR INTEGRATED CIRCUIT THREE TERMINAL POSITIVE VOLTAGE REGULATORS | 1 2 3 4 5 More | KEC(Korea Electronics) |
| LT117AHV | High Voltage Positive Adjustable Regulators | 1 2 3 4 | Linear Technology |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|