|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ACA1205 - 750/870 MHZ CATV LINE AMPLIFIER - ANADIGICS, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ACA2401 | 750/870 MHz CATV Power Doubler Line Amplifier | 1 2 3 4 5 More | ANADIGICS, Inc |
| ACA2402E | 750/870 MHz CATV Push-Pull Line Amplifier | 1 2 3 4 5 More | ANADIGICS, Inc |
| ACA2407E | 750/870 MHz CATV Power Doubler Line Amplifier | 1 2 3 4 5 More | ANADIGICS, Inc |
| ACA2408 | 870 MHz 34 dB Gain CATV Push-Pull Line Amplifier | 1 2 3 4 5 More | ANADIGICS, Inc |
| ACA2402 | 750/870 MHz CATV Push-Pull Line Amplifier | 1 2 3 4 5 More | ANADIGICS, Inc |
| ACA0861 | 750/860 MHz CATV LINE AMPLIFIER MMIC | 1 2 3 4 5 More | ANADIGICS, Inc |
| ACA2401S7 | 750/870 MHz Power Dobler CATV LINE AMPLIFIER MMIC | 1 2 3 4 | ANADIGICS, Inc |
| MHW6272 | 77-Channel 550 MHz CATV Line Extender Amplifier | 1 2 | Motorola, Inc |
| MHW5122A | 450 MHz CATV Amplifier | 1 2 3 4 | Motorola, Inc |
| MHW7182A | 110-Channel 750 MHz CATV Amplifier | 1 2 | Motorola, Inc |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|