Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK8963C Datasheet (PDF) - Asahi Kasei Microsystems

AK8963C Datasheet PDF - Asahi Kasei Microsystems
Part # AK8963C
Download  AK8963C Download

File Size   655.84 Kbytes
Page   38 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 3-axis Electronic Compass

AK8963C Datasheet (PDF)

Go To PDF Page Download Datasheet
AK8963C Datasheet PDF - Asahi Kasei Microsystems

Part # AK8963C
Download  AK8963C Click to download

File Size   655.84 Kbytes
Page   38 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 3-axis Electronic Compass

AK8963C Datasheet (HTML) - Asahi Kasei Microsystems

Back Button AK8963C Datasheet HTML 1Page - Asahi Kasei Microsystems AK8963C Datasheet HTML 2Page - Asahi Kasei Microsystems AK8963C Datasheet HTML 3Page - Asahi Kasei Microsystems AK8963C Datasheet HTML 4Page - Asahi Kasei Microsystems AK8963C Datasheet HTML 5Page - Asahi Kasei Microsystems AK8963C Datasheet HTML 6Page - Asahi Kasei Microsystems AK8963C Datasheet HTML 7Page - Asahi Kasei Microsystems AK8963C Datasheet HTML 8Page - Asahi Kasei Microsystems AK8963C Datasheet HTML 9Page - Asahi Kasei Microsystems AK8963C Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AK8963C Product details

Overview
AK8963 is 3-axis electronic compass IC with high sensitive Hall sensor technology.
Small package of AK8963 incorporates magnetic sensors for detecting terrestrial magnetism in the X-axis, Y-axis, and Z-axis, a sensor driving circuit, signal amplifier chain, and an arithmetic circuit for processing the signal from each sensor. Self test function is also incorporated. From its compact foot print and thin package feature, it is suitable for map heading up purpose in GPS-equipped cell phone to realize pedestrian navigation function.

Features
A 3-axis electronic compass IC with high sensitive Hall sensor technology.
Best adapted to pedestrian city navigation use for cell phone and other portable appliance.

Functions:
   • 3-axis magnetometer device suitable for compass application
   • Built-in A to D Converter for magnetometer data out
   • 14-/16-bit selectable data out for each 3 axis magnetic components
      - Sensitivity:
         0.6 µT/LSB typ. (14-bit)
         0.15µT/LSB typ. (16-bit)
   • Serial interface
      - I2C bus interface.
         Standard mode and Fast mode compliant with Philips I2C specification Ver.2.1
      - 4-wire SPI
   • Operation modes:
      Power-down, Single measurement, Continuous measurement,
      External trigger measurement, Self test and Fuse ROM access.
   • DRDY function for measurement data ready
   • Magnetic sensor overflow monitor function
   • Built-in oscillator for internal clock source
   • Power on Reset circuit
   • Self test function with built-in internal magnetic source
Operating temperatures:
   • -30°C to +85°C
Operating supply voltage:
   • Analog power supply +2.4V to +3.6V
   • Digital Interface supply +1.65V to analog power supply voltage.
Current consumption:
   • Power-down: 3 µA typ.
   • Measurement:
      - Average power consumption at 8 Hz repetition rate: 280µA typ.
Package:
   AK8963C 14-pin WL-CSP (BGA): 1.6 mm × 1.6 mm × 0.5 mm (typ.)
   AK8963N 16-pin QFN package: 3.0 mm × 3.0 mm × 0.75 mm (typ.)
  




Similar Part No. - AK8963C

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8963C AKM-AK8963C Datasheet
655Kb / 38P
   3-axis Electronic Compass
More results


Similar Description - AK8963C

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AK09911 HUAXINAN-AK09911 Datasheet
451Kb / 18P
   3-axis Electronic Compass
logo
Asahi Kasei Microsystem...
AK09916 AKM-AK09916 Datasheet
794Kb / 29P
   3-axis Electronic Compass
AK09916C AKM-AK09916C Datasheet
794Kb / 29P
   3-axis Electronic Compass
AK8975 AKM-AK8975 Datasheet
634Kb / 34P
   3-axis Electronic Compass
AK8963 AKM-AK8963 Datasheet
300Kb / 18P
   3-axis Electronic Compass
logo
HuaXinAn Electronics CO...
AK09912 HUAXINAN-AK09912 Datasheet
643Kb / 20P
   3-axis Electronic Compass
logo
Asahi Kasei Microsystem...
AK09918C AKM-AK09918C Datasheet
819Kb / 30P
   3-axis Electronic Compass
AK09918 AKM-AK09918 Datasheet
819Kb / 30P
   3-axis Electronic Compass
AK8963N AKM-AK8963N Datasheet
655Kb / 38P
   3-axis Electronic Compass
AK8973 AKM-AK8973 Datasheet
328Kb / 31P
   3-axis Electronic Compass
AK09912 AKM-AK09912 Datasheet
1Mb / 42P
   3-axis Electronic Compass
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com