Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT312 Datasheet (PDF) - Zarlink Semiconductor Inc

MT312 Datasheet PDF - Zarlink Semiconductor Inc
Part # MT312
Download  MT312 Download

File Size   318.32 Kbytes
Page   90 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description Satellite Channel Decoder

MT312 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT312 Datasheet PDF - Zarlink Semiconductor Inc

Part # MT312
Download  MT312 Click to download

File Size   318.32 Kbytes
Page   90 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description Satellite Channel Decoder

MT312 Datasheet (HTML) - Zarlink Semiconductor Inc

Back Button MT312 Datasheet HTML 1Page - Zarlink Semiconductor Inc MT312 Datasheet HTML 2Page - Zarlink Semiconductor Inc MT312 Datasheet HTML 3Page - Zarlink Semiconductor Inc MT312 Datasheet HTML 4Page - Zarlink Semiconductor Inc MT312 Datasheet HTML 5Page - Zarlink Semiconductor Inc MT312 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT312 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT312 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT312 Datasheet HTML 9Page - Zarlink Semiconductor Inc MT312 Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button 

MT312 Product details

The MT312 is a QPSK/BPSK 1 to 45MBaud demodulator and channel decoder for digital satellite television transmissions to the European Broadcast Union ETS 300 421 specification (ref. 1). It receives analogue I and Q signals from the tuner, digitises and digitally demodulates this signal, and implements the complete DVB/DSS FEC (Forward Error Correction), and de-scrambling function. The output is in the form of MPEG2 or DSS transport stream data packets. An external MPEG clock input is provided for synchronisation to MPEG decoders and DVB Common Interface Modules. The MT312 also provides automatic gain control to the RF front-end devices.

Key Features
• Conforms to EBU specification for DVB-S and DirecTV specification for DSS.
• On-chip digital filtering supports 1 to 45MBaud Symbol rates.
• On-chip 6-bit 60 or 90MHz dual-ADC.
• High speed scanning mode for blind symbol rate/code rate acquisition.
• Automatic IQ phase resolution.
• No signal indicator.
• Up to ±15MHz LNB frequency tracking.
• Fully digital timing and phase recovery loops.
• High level software interface for minimum development time.
• DiSEqC™ v2.2: receive/transmit for full control of LNB and dish.

Applications
• DVB 1 to 45MBaud compliant satellite receivers.
• DSS 20MBaud compliant satellite receivers.
• SCPC receivers. (Single Channel Per Carrier)
• SMATV trans-modulators. (Single Master Antenna TV)
• LMDS (Local Multipoint Distribution Service)
• Satellite PC applications.




Similar Part No. - MT312

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT312T-Y MARKTECH-MT312T-Y Datasheet
31Kb / 1P
   2x4mm Rectangular LED Lamps
More results


Similar Description - MT312

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
VP305 MITEL-VP305 Datasheet
652Kb / 85P
   Satellite Channel Decoder
VP310 MITEL-VP310 Datasheet
258Kb / 31P
   Satellite Channel Decoder
logo
NXP Semiconductors
TDA8044 PHILIPS-TDA8044 Datasheet
100Kb / 20P
   Satellite demodulator and decoder
2000 Feb 21
logo
Panasonic Semiconductor
MN88413 PANASONIC-MN88413 Datasheet
49Kb / 5P
   Channel Decoder LSI for Digital Satellite Broadcast Reception
logo
NXP Semiconductors
TDA8083 PHILIPS-TDA8083 Datasheet
87Kb / 16P
   Satellite Demodulator and Decoder SDD3
1999 Jul 28
TDA8043 PHILIPS-TDA8043 Datasheet
95Kb / 16P
   Satellite Demodulator and Decoder SDD
1998 Feb 13
logo
STMicroelectronics
TEA2130 STMICROELECTRONICS-TEA2130 Datasheet
126Kb / 8P
   TV AND SATELLITE DECODER SCANNING PROCESSOR
September 1993
logo
Broadcom Corporation.
BCM7315 BOARDCOM-BCM7315 Datasheet
104Kb / 2P
   SINGLE-CHIP SATELLITE SET-TOP BOX DECODER
BCM7328 BOARDCOM-BCM7328 Datasheet
103Kb / 2P
   SINGLE-CHIP SATELLITE SET-TOP BOX DECODER
BCM7317 BOARDCOM-BCM7317 Datasheet
132Kb / 2P
   SINGLE-CHIP SATELLITE SET-TOP BOX DECODER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com