|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HT82K96E - 8-Bit USB Multimedia Keyboard Encoder OTP MCU - Holtek Semiconductor Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HT82K94E | USB Multimedia Keyboard Encoder 8-Bit MCU | 1 2 3 4 5 More | Holtek Semiconductor Inc |
| HT82K95E | USB Multimedia Keyboard Encoder 8-Bit MCU | 1 2 3 4 5 More | Holtek Semiconductor Inc |
| HT82M99E | USB Mouse Encoder 8-Bit OTP MCU | 1 2 3 4 5 More | Holtek Semiconductor Inc |
| HT82J97E | USB Joystick Encoder 8-Bit OTP MCU | 1 2 3 4 5 More | Holtek Semiconductor Inc |
| HT82K68E | Multimedia Keyboard Encoder OTP | 1 2 3 4 5 More | Holtek Semiconductor Inc |
| HT48RB8 | 8-Bit USB Type OTP MCU | 1 2 3 4 5 More | Holtek Semiconductor Inc |
| HT82M99EE | USB Mouse Encoder 8-Bit MCU | 1 2 3 4 5 More | Holtek Semiconductor Inc |
| ST72774 | 8-BIT USB MCU FOR MONITORS WITH UP TO 60K OTP 1K RAM ADC TIMER SYNC TMU PWM/BRM H/W DDC & I2C | 1 2 3 4 5 More | STMicroelectronics |
| Z8602 | KEYBOARD CONTROLLER KBC⢠NMOS Z8 8-BIT MCU | 1 2 3 4 5 | Zilog, Inc. |
| HT82A822R | USB Speaker OTP MCU | 1 2 3 4 5 More | Holtek Semiconductor Inc |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 |
Link URL |
|
|