Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F042 Datasheet (PDF) - List of Unclassifed Manufacturers

C8051F042 Datasheet PDF - List of Unclassifed Manufacturers
Part # C8051F042
Download  C8051F042 Download

File Size   191.27 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description CAN2.0B 64KB ISP FLASH MCU

C8051F042 Datasheet (PDF)

Go To PDF Page Download Datasheet
C8051F042 Datasheet PDF - List of Unclassifed Manufacturers

Part # C8051F042
Download  C8051F042 Click to download

File Size   191.27 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description CAN2.0B 64KB ISP FLASH MCU

C8051F042 Datasheet (HTML) - List of Unclassifed Manufacturers

C8051F042 Datasheet HTML 1Page - List of Unclassifed Manufacturers C8051F042 Datasheet HTML 2Page - List of Unclassifed Manufacturers

C8051F042 Product details

[Silicon Laboratories]

System Overview
The C8051F04x family of devices are fully integrated mixed-signal System-on-a-Chip MCUs with 64 digital I/O pins (C8051F040/2/4/6) or 32 digital I/O pins (C8051F041/3/5/7), and an integrated CAN 2.0B controller. Highlighted features are listed below; refer to Table 1.1 for specific product feature selection.

• High-Speed pipelined 8051-compatible CIP-51 microcontroller core (up to 25 MIPS)
• Controller Area Network (CAN 2.0B) Controller with 32 message objects, each with its own indentifier mask.
• In-system, full-speed, non-intrusive debug interface (on-chip)
• True 12-bit (C8051F040/1) or 10-bit (C8051F042/3/4/5/6/7) 100 ksps 8-channel ADC with PGA and analog multiplexer
• High Voltage Difference Amplifier input to the 12/10-bit ADC (60 V Peak-to-Peak) with programmable gain.
• True 8-bit 500 ksps 8-channel ADC with PGA and analog multiplexer (C8051F040/1/2/3)
• Two 12-bit DACs with programmable update scheduling (C8051F040/1/2/3)
• 64 kB (C8051F040/1/2/3/4/5) or 32 kB (C8051F046/7) of in-system programmable Flash memory
• 4352 (4096 + 256) bytes of on-chip RAM
• External Data Memory Interface with 64 kB address space
• SPI, SMBus/I2C, and (2) UART serial interfaces implemented in hardware
• Five general purpose 16-bit Timers
• Programmable Counter/Timer Array with six capture/compare modules
• On-chip Watchdog Timer, VDD Monitor, and Temperature Sensor




Similar Part No. - C8051F042

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F042 SILABS-C8051F042 Datasheet
431Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F042 SILABS-C8051F042 Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F042 SILABS-C8051F042 Datasheet
5Mb / 320P
   8K ISP FLASH MCU Family
Rev. 1.7
C8051F042-GQ SILABS-C8051F042-GQ Datasheet
431Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F042-GQ SILABS-C8051F042-GQ Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
More results


Similar Description - C8051F042

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F043 ETC-C8051F043 Datasheet
190Kb / 2P
   CAN2.0B 64KB ISP FLASH MCU
C8051F040 ETC-C8051F040 Datasheet
190Kb / 2P
   CAN2.0B 64KB ISP FLASH MCU
C8051F041 ETC-C8051F041 Datasheet
191Kb / 2P
   CAN2.0B 64KB ISP FLASH MCU
C8051F022 ETC-C8051F022 Datasheet
51Kb / 2P
   Mixed-Signal 64KB ISP FLASH MCU
C8051F020 ETC-C8051F020 Datasheet
51Kb / 2P
   Mixed-Signal 64KB ISP FLASH MCU
logo
Ramtron International C...
VRS51C1000 RAMTRON-VRS51C1000 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51L1050 RAMTRON-VRS51L1050 Datasheet
504Kb / 49P
   Versa 8051 3.3V MCU with 64KB of IAP/ISP Flash
logo
List of Unclassifed Man...
VRS1000 ETC1-VRS1000 Datasheet
741Kb / 47P
   64kB Embedded ISP/IAP FLASH 1kB RAM, 40 MHz, 8-Bit MCU
logo
Silicon Laboratories
C8051F330-GMR SILABS-C8051F330-GMR Datasheet
1Mb / 210P
   Mixed-Signal ISP Flash MCU
C8051F120 SILABS-C8051F120_V01 Datasheet
6Mb / 350P
   8K ISP FLASH MCU Family
Rev. 1.5
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com