![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
BTA16 - 16A TRIACS - STMicroelectronics |
|
Click Here View BTA16 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| MAC224A | Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors | Motorola, Inc |
| IRAMX16UP60B | Integrated Power Hybrid IC for Appliance Motor Drive Applications. 16A 600V with Internal Shunt Resistor | International Rectifier |
| MAC224A | Triacs Silicon Bidirectional Thyristors | ON Semiconductor |
| T12XXXH | STANDAND TRIACS | STMicroelectronics |
| MAC15 | 15-A Silicon Triacs | GE Solid State |
| MAC8S | Sensitive Gate Triacs Silicon Bidirectional Thyristors | ON Semiconductor |
| T1635H | Snubberless TM high temperature 16 A Triacs | STMicroelectronics |
| MAC15S | Sensitive Gate Triacs Silicon Bidirectional Thyristors | ON Semiconductor |
| BTA06 | 6A TRIACS | STMicroelectronics |
| MAC97 | Sensitive Gate Triacs Silicon Bidirectional Thyristors | ON Semiconductor |
Link URL |
|
|
Related keyword |
| BTA16 Datasheet | BTA16 Cross Reference | BTA16 Schematic | BTA16 Distributor | BTA16 Datenblatt | BTA16 RoHS |
| BTA16 Equivalent | BTA16 Application Notes | BTA16 Data Sheet | BTA16 component | BTA16 Fiche Technique | BTA16 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |