|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DS90CP22 - 2X2 800 Mbps LVDS Crosspoint Switch - National Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SCAN90CP02 | 1.5 Gbps 2x2 LVDS Crosspoint Switch with Pre-Emphasis and IEEE 1149.6 | 1 2 3 4 5 More | National Semiconductor |
| PI90LV044 | LVDS Dual 2x2 Crosspoint/Repeater Switch | 1 2 3 4 5 More | Pericom Semiconductor Corporation |
| PI90LV024 | LVDS Dual 2x2 Crosspoint/Repeater Switch | 1 2 3 4 5 More | Pericom Semiconductor Corporation |
| SN65LVCP22 | 2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH | 1 2 3 4 5 More | Texas Instruments |
| SN65LVDS125A | LVDS 4x4 CROSSPOINT SWITCH | 1 2 3 4 5 More | Texas Instruments |
| SN65LVDS250 | LVDS 4x4 CROSSPOINT SWITCH | 1 2 3 4 5 More | Texas Instruments |
| MAX9152 | 800Mbps LVDS/LVPECL-to-LVDS 2 x 2 Crosspoint Switch | 1 2 3 4 5 More | Maxim Integrated Products |
| TQ8032 | 800 Megabit/sec 32x32 Digital ECL Crosspoint Switch | 1 2 3 4 5 More | TriQuint Semiconductor |
| DS08MB200 | Dual 800 Mbps 1:2/2:1 LVDS Mux/Buffer | 1 2 3 4 5 More | National Semiconductor |
| SN65LVDS122 | 1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH | 1 2 3 4 5 More | Texas Instruments |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|