Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90560 Datasheet (PDF) - Fujitsu Component Limited.

MB90560 Datasheet PDF - Fujitsu Component Limited.
Part # MB90560
Download  MB90560 Download

File Size   3144.56 Kbytes
Page   581 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description 16-BIT MICROCONTROLLER

MB90560 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB90560 Datasheet PDF - Fujitsu Component Limited.

Part # MB90560
Download  MB90560 Click to download

File Size   3144.56 Kbytes
Page   581 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description 16-BIT MICROCONTROLLER

MB90560 Datasheet (HTML) - Fujitsu Component Limited.

Back Button MB90560 Datasheet HTML 1Page - Fujitsu Component Limited. MB90560 Datasheet HTML 2Page - Fujitsu Component Limited. MB90560 Datasheet HTML 3Page - Fujitsu Component Limited. MB90560 Datasheet HTML 4Page - Fujitsu Component Limited. MB90560 Datasheet HTML 5Page - Fujitsu Component Limited. MB90560 Datasheet HTML 6Page - Fujitsu Component Limited. MB90560 Datasheet HTML 7Page - Fujitsu Component Limited. MB90560 Datasheet HTML 8Page - Fujitsu Component Limited. MB90560 Datasheet HTML 9Page - Fujitsu Component Limited. MB90560 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button 

MB90560 Product details

F2 MC-16LX MB90560/565 Series



■DESCRIPTION

The MB90560/565 series is a general-purpose 16-bit microcontroller designed for industrial, OA, and process control applications that require high-speed real-time processing. The device features a multi-function timer able to output a programmable waveform.

The microcontroller instruction set is based on the same AT architecture as the F2MC-8L and F2

MC-16L families with additional instructions for high-level languages, extended addressing modes, enhanced signed multiplication and division instructions, and a complete range of bit manipulation instructions. The microcontroller has a 32-bit accumulator for processing long word (32-bit) data.

Note: F2MC is the abbreviation of FUJITSU Flexible Microcontroller.



■FEATURES

Clock

  • Internal oscillator circuit and PLL clock multiplication circuit

  • Oscillation clock

    Clock speed selectable from either the machine clock, main clock, or PLL clock. The main clock is the oscillation 

    clock divided into 2 (0.5 MHz to 8 MHz for a 1 MHz to 16 MHz base oscillation) . The PLL clock is the oscillation

   clock multiplied by one to four (4 MHz to16 MHz for a 4 MHz base oscillation) .

• Minimum instruction execution time : 62.5 ns (for oscillation =4 MHz, PLL clock setting =  ×4, VCC =5.0 V)

• Maximum CPU memory space : 16 MB

• 24-bit addressing

• Bank addressing

• Instruction set

  • Bit, byte, word, and long word data types

  • 23 different addressing modes

  • Enhanced calculation precision using a 32-bit accumulator

  • Enhanced signed multiplication and division instructions and RETI instruction

• Instruction set designed for high level language (C) and multi-tasking

  • Uses a system stack pointer

  • Symmetric instruction set and barrel shift instructions

• Program patch function (2 address pointers) .

• 4-byte instruction queue

• Interrupt function

  • Priority levels are programmable

  • 32 interrupts

• Data transfer function

  • Extended intelligent I/O service function : Up to 16 channels

• Low-power consumption modes

  • Sleep mode (CPU operating clock stops.)

  • Timebase timer mode (Only oscillation clock and timebase timer continue to operate.)

  • Stop mode (Oscillation clock stops.)

  • CPU intermittent operation mode (The CPU operates intermittently at the specified interval.)

• Package

  • LQFP-64P (FTP-64P-M23 : 0.65 mm pin pitch)

  • QFP-64P (FTP-64P-M06 : 1.00 mm pin pitch)

  • SH-DIP (DIP-64P-M01 : 1.778 mm pin pitch)

• Process : CMOS technology




Similar Part No. - MB90560

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90560 FUJITSU-MB90560 Datasheet
874Kb / 91P
   16-bit Proprietary Microcontrollers
MB90560 FUJITSU-MB90560_08 Datasheet
2Mb / 92P
   16-bit Proprietary Microcontrollers
More results


Similar Description - MB90560

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com