Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNM-1/2 Datasheet (PDF) - Cooper Bussmann, Inc.

FNM-1/2 Datasheet PDF - Cooper Bussmann, Inc.
Part # FNM-1/2
Download  FNM-1/2 Download

File Size   472.25 Kbytes
Page   3 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description FNM 13??2? x 1-1??? 250Vac time-delay

FNM-1/2 Datasheet (PDF)

Go To PDF Page Download Datasheet
FNM-1/2 Datasheet PDF - Cooper Bussmann, Inc.

Part # FNM-1/2
Download  FNM-1/2 Click to download

File Size   472.25 Kbytes
Page   3 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description FNM 13??2? x 1-1??? 250Vac time-delay

FNM-1/2 Datasheet (HTML) - Cooper Bussmann, Inc.

FNM-1/2 Datasheet HTML 1Page - Cooper Bussmann, Inc. FNM-1/2 Datasheet HTML 2Page - Cooper Bussmann, Inc. FNM-1/2 Datasheet HTML 3Page - Cooper Bussmann, Inc.



Similar Part No. - FNM-1/2

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FNM-1/2 EATON-FNM-1/2 Datasheet
472Kb / 3P
   FNM 13??2? x 1-1??? 250Vac time-delay supplemental fuses
FNM-1/2 EATON-FNM-1/2 Datasheet
467Kb / 3P
   FNM 13⁄32˝ x 1-1⁄2˝ 250Vac time-delay supplemental fuses
More results


Similar Description - FNM-1/2

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FNM EATON-FNM Datasheet
472Kb / 3P
   FNM 13??2? x 1-1??? 250Vac time-delay supplemental fuses
FNM-8 EATON-FNM-8 Datasheet
467Kb / 3P
   FNM 13⁄32˝ x 1-1⁄2˝ 250Vac time-delay supplemental fuses
logo
Cooper Bussmann, Inc.
FNM-3 COOPER-FNM-3 Datasheet
378Kb / 3P
   13/32 x 1-1/2 250Vac Time-delay supplemental fuses
FNM-25 COOPER-FNM-25 Datasheet
378Kb / 3P
   13/32 x 1-1/2 250Vac Time-delay supplemental fuses
logo
Eaton All Rights Reserv...
FNA EATON-FNA Datasheet
342Kb / 2P
   FNA 13??2? x 1-1??? 250Vac pin indicating time-delay supplemental fuses
logo
Cooper Bussmann, Inc.
FNA-20 COOPER-FNA-20 Datasheet
510Kb / 2P
   13/32 x 1-1/2 250Vac Pin indicating time-delay supplemental fuses
FNA-1 COOPER-FNA-1_15 Datasheet
342Kb / 2P
   FNA 13??2? x 1-1??? 250Vac pin indicating time-delay supplemental fuses
logo
List of Unclassifed Man...
FNQ-1 ETC2-FNQ-1 Datasheet
373Kb / 2P
   13??2? x 1-1??? 500Vac Time-delay supplemental fuses
logo
Eaton All Rights Reserv...
FNQ EATON-FNQ Datasheet
551Kb / 2P
   FNQ 13??2? x 1-1??? 500Vac time-delay supplemental fuses
logo
Cooper Bussmann, Inc.
FNQ-110 COOPER-FNQ-110 Datasheet
551Kb / 2P
   FNQ 13??2? x 1-1??? 500Vac time-delay supplemental fuses
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com