|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LP3852 - 1.5A Fast Response Ultra Low Dropout Linear Regulators - National Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LP3875-ADJ | 1.5A Fast Ultra Low Dropout Linear Regulators | 1 2 3 4 5 More | National Semiconductor |
| LP3853 | 3A Fast Response Ultra Low Dropout Linear Regulators | 1 2 3 4 5 More | National Semiconductor |
| LP3856-ADJ | 3A Fast Response Ultra Low Dropout Linear Regulators | 1 2 3 4 5 More | National Semiconductor |
| LP3962 | 1.5A Fast Ultra Low Dropout Linear Regulators | 1 2 3 4 5 More | National Semiconductor |
| SPX1583 | 1.5A Ultra Low Dropout Voltage Regulator Fast Response Adjustable & Fixed | 1 2 3 4 5 | Sipex Corporation |
| LP3961 | 800mA Fast Ultra Low Dropout Linear Regulators | 1 2 3 4 5 More | National Semiconductor |
| LP3963 | 3A Fast Ultra Low Dropout Linear Regulators | 1 2 3 4 5 More | National Semiconductor |
| TPS76715 | FAST TRANSIENT RESPONSE 1-A LOW DROPOUT LINEAR REGULATORS | 1 2 3 4 5 More | Texas Instruments |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 |
Link URL |
|
|