Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE22A Datasheet (PDF) - Bruckewell Technology LTD

P4KE22A Datasheet PDF - Bruckewell Technology LTD
Part # P4KE22A
Download  P4KE22A Download

File Size   408.49 Kbytes
Page   7 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description Transient Voltage Suppressor

P4KE22A Datasheet (PDF)

Go To PDF Page Download Datasheet
P4KE22A Datasheet PDF - Bruckewell Technology LTD

Part # P4KE22A
Download  P4KE22A Click to download

File Size   408.49 Kbytes
Page   7 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description Transient Voltage Suppressor

P4KE22A Datasheet (HTML) - Bruckewell Technology LTD

P4KE22A Datasheet HTML 1Page - Bruckewell Technology LTD P4KE22A Datasheet HTML 2Page - Bruckewell Technology LTD P4KE22A Datasheet HTML 3Page - Bruckewell Technology LTD P4KE22A Datasheet HTML 4Page - Bruckewell Technology LTD P4KE22A Datasheet HTML 5Page - Bruckewell Technology LTD P4KE22A Datasheet HTML 6Page - Bruckewell Technology LTD P4KE22A Datasheet HTML 7Page - Bruckewell Technology LTD

P4KE22A Product details

VBR : 6.8 - 550 Volts
PPK : 400 Watts

Features
• 400W surge capability at 1ms
• Excellent clamping capability
• Low zener impedance
• Fast response time : typically less then 1.0 ps from 0 volt to VBR(min.)
• Typical IR less then 1μA above 10V
• RoHS compliant package

Applications
• For Bi-directional use C or CA Suffix
• Electrical characteristics apply in both directions




Similar Part No. - P4KE22A

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
P4KE22A SY-P4KE22A Datasheet
662Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
RFE international
P4KE22A RFE-P4KE22A Datasheet
333Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
2011.10.03
logo
Pan Jit International I...
P4KE22A PANJIT-P4KE22A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Zowie Technology Corpor...
P4KE22A ZOWIE-P4KE22A Datasheet
180Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Ruilongyuan Electronics...
P4KE22A RUILON-P4KE22A Datasheet
891Kb / 7P
   Transient Voltage Suppressors
More results


Similar Description - P4KE22A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com