Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C3V9 Datasheet (PDF) - Diode Semiconductor Korea

BZX84C3V9 Datasheet PDF - Diode Semiconductor Korea
Part # BZX84C3V9
Download  BZX84C3V9 Download

File Size   313.02 Kbytes
Page   5 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description 350mW Surface Mount Zener Diode

BZX84C3V9 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84C3V9 Datasheet PDF - Diode Semiconductor Korea

Part # BZX84C3V9
Download  BZX84C3V9 Click to download

File Size   313.02 Kbytes
Page   5 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description 350mW Surface Mount Zener Diode

BZX84C3V9 Datasheet (HTML) - Diode Semiconductor Korea

BZX84C3V9 Datasheet HTML 1Page - Diode Semiconductor Korea BZX84C3V9 Datasheet HTML 2Page - Diode Semiconductor Korea BZX84C3V9 Datasheet HTML 3Page - Diode Semiconductor Korea BZX84C3V9 Datasheet HTML 4Page - Diode Semiconductor Korea BZX84C3V9 Datasheet HTML 5Page - Diode Semiconductor Korea

BZX84C3V9 Product details

FEATURES

● Planar Die Construction.

● 350mw Power Dissipation.

● Zener Voltages From 2.4V -51V

● Ideally Suited For Automated Assembly Prcesses.



APPLICATIONS

● 350Mw Surface mount zener diode



 




Similar Part No. - BZX84C3V9

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BZX84C3V9 CENTRAL-BZX84C3V9 Datasheet
336Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
logo
Vishay Siliconix
BZX84C3V9 VISHAY-BZX84C3V9 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Bruckewell Technology L...
BZX84C3V9 BWTECH-BZX84C3V9 Datasheet
287Kb / 2P
   ZENER VOLTAGE REGULATORS
logo
Yea Shin Technology Co....
BZX84C3V9 YEASHIN-BZX84C3V9 Datasheet
776Kb / 5P
   Zener Voltage Regulator Diodes
logo
Central Semiconductor C...
BZX84C3V9 CENTRAL-BZX84C3V9 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
More results


Similar Description - BZX84C3V9

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMBZ5221B WTE-MMBZ5221B Datasheet
76Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_1 Datasheet
447Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
BZX84C20-7 DIODES-BZX84C20-7 Datasheet
87Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com