Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBPC1005 Datasheet (PDF) - Diode Semiconductor Korea

KBPC1005 Datasheet PDF - Diode Semiconductor Korea
Part # KBPC1005
Download  KBPC1005 Download

File Size   1097.63 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SILICON BRIDGE RECTIFIERS

KBPC1005 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBPC1005 Datasheet PDF - Diode Semiconductor Korea

Part # KBPC1005
Download  KBPC1005 Click to download

File Size   1097.63 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SILICON BRIDGE RECTIFIERS

KBPC1005 Datasheet (HTML) - Diode Semiconductor Korea

KBPC1005 Datasheet HTML 1Page - Diode Semiconductor Korea KBPC1005 Datasheet HTML 2Page - Diode Semiconductor Korea

KBPC1005 Product details

VOLTAGE RANGE: 50 --- 1000 V

CURRENT: 3.0 A



FEATURES

◇ Rating to 1000V PRV

◇ Surge overload rating to 50 Amperes peak

◇ Ideal for printed circuit board

◇ Reliable low cost construction utilizing molded plastic technique results in inexpensive product

◇ Lead solderable per MIL-STD-202 method 208



 




Similar Part No. - KBPC1005

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBPC1005 SEMTECH-KBPC1005 Datasheet
120Kb / 2P
   3.0A SINGLE - PHASE SILICON BRIDGE?
logo
Yangzhou yangjie electr...
KBPC1005 YANGJIE-KBPC1005 Datasheet
245Kb / 2P
   SINGLE PHASE 3.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
International Rectifier
KBPC1005 IRF-KBPC1005 Datasheet
68Kb / 3P
   3A, 6A single phase ractifier bridges
logo
Shanghai Sunrise Electr...
KBPC1005 SSE-KBPC1005 Datasheet
15Kb / 1P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Vishay Siliconix
KBPC1005 VISHAY-KBPC1005 Datasheet
121Kb / 5P
   Single Phase Rectifier Bridge, 3 A, 6 A
Revision: 23-Dec-08
More results


Similar Description - KBPC1005

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com