Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR1660CT Datasheet (PDF) - Diode Semiconductor Korea

SR1660CT Datasheet PDF - Diode Semiconductor Korea
Part # SR1660CT
Download  SR1660CT Download

File Size   107.09 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description DUAL SCHOTTKY RECTIFIERS

SR1660CT Datasheet (PDF)

Go To PDF Page Download Datasheet
SR1660CT Datasheet PDF - Diode Semiconductor Korea

Part # SR1660CT
Download  SR1660CT Click to download

File Size   107.09 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description DUAL SCHOTTKY RECTIFIERS

SR1660CT Datasheet (HTML) - Diode Semiconductor Korea

SR1660CT Datasheet HTML 1Page - Diode Semiconductor Korea SR1660CT Datasheet HTML 2Page - Diode Semiconductor Korea

SR1660CT Product details

REVERSE VOLTAGE: 20 - 60 V
FORWARD CURRENT: 16 A

FEATURES
◇ Metal-Semiconductor junction with guard ring
◇ Epitaxial construction
◇ For use in low voltage,high frequency inverters free
   wheeling,and polarity protection applications
◇ Low forward voltage drop,low switching losses
◇ High surge capability
◇ The plastic material carries U/L recognition 94V-0




Similar Part No. - SR1660CT

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SR1660CT BILIN-SR1660CT Datasheet
93Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Nantong Hornby Electron...
SR1660CT HORNBY-SR1660CT Datasheet
263Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
HY ELECTRONIC CORP.
SR1660CT HY-SR1660CT Datasheet
482Kb / 4P
   Schottky Barrier Recitifiers
logo
SAMYANG ELECTRONICS CO....
SR1660CT SAMYANG-SR1660CT Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
SR1660CT SAMYANG-SR1660CT Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SR1660CT

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MBRF2070CT SEMTECH_ELEC-MBRF2070CT Datasheet
197Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Galaxy Semi-Conductor H...
MBRF1635CT BILIN-MBRF1635CT Datasheet
137Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Diode Semiconductor Kor...
MBRB1635CT DSK-MBRB1635CT Datasheet
205Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Galaxy Semi-Conductor H...
MBRB1635CT BILIN-MBRB1635CT Datasheet
136Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
MBRF2070CT BILIN-MBRF2070CT Datasheet
157Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
SR1620CT BILIN-SR1620CT Datasheet
93Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
SR2020CT BILIN-SR2020CT Datasheet
90Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Shenzhen Luguang Electr...
SR2020CT LUGUANG-SR2020CT Datasheet
200Kb / 2P
   Dual Schottky Rectifiers
logo
Diode Semiconductor Kor...
MBR1635PT DSK-MBR1635PT Datasheet
209Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
SR1020CT DSK-SR1020CT Datasheet
113Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
MBR1680PT DSK-MBR1680PT Datasheet
234Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com