Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR3060PT Datasheet (PDF) - Diode Semiconductor Korea

MBR3060PT Datasheet PDF - Diode Semiconductor Korea
Part # MBR3060PT
Download  MBR3060PT Download

File Size   377.75 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SCHOTTKY BARRIER RECTIFIERS

MBR3060PT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR3060PT Datasheet PDF - Diode Semiconductor Korea

Part # MBR3060PT
Download  MBR3060PT Click to download

File Size   377.75 Kbytes
Page   2 Pages
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea
Description SCHOTTKY BARRIER RECTIFIERS

MBR3060PT Datasheet (HTML) - Diode Semiconductor Korea

MBR3060PT Datasheet HTML 1Page - Diode Semiconductor Korea MBR3060PT Datasheet HTML 2Page - Diode Semiconductor Korea

MBR3060PT Product details

VOLTAGE RANGE: 30 - 100 V

CURRENT: 30 A



FEATURES

◇ High surge capacity.

◇ For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications.

◇ Metal silicon junction, majority carrier conduction.

◇ High current capacity, low forward voltage drop.

◇ Guard ring for over voltage protection.



 




Similar Part No. - MBR3060PT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MBR3060PT FAIRCHILD-MBR3060PT Datasheet
55Kb / 3P
   Schottky Rectifiers
logo
Taiwan Semiconductor Co...
MBR3060PT TSC-MBR3060PT Datasheet
133Kb / 2P
   30.0AMPS. Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
MBR3060PT FS-MBR3060PT Datasheet
271Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
logo
Diodes Incorporated
MBR3060PT DIODES-MBR3060PT Datasheet
64Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIER
DS23017 Rev. E-2
logo
Vishay Siliconix
MBR3060PT VISHAY-MBR3060PT Datasheet
92Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 07-May-08
More results


Similar Description - MBR3060PT

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com