Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS-402 Datasheet (PDF) - Linear Integrated Systems

LS-402 Datasheet PDF - Linear Integrated Systems
Part # LS-402
Download  LS-402 Download

File Size   241.25 Kbytes
Page   2 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description LOW NOISE LOW DRIFT MONOLITHIC DUAL N CHANNEL JFET

LS-402 Datasheet (PDF)

Go To PDF Page Download Datasheet
LS-402 Datasheet PDF - Linear Integrated Systems

Part # LS-402
Download  LS-402 Click to download

File Size   241.25 Kbytes
Page   2 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description LOW NOISE LOW DRIFT MONOLITHIC DUAL N CHANNEL JFET

LS-402 Datasheet (HTML) - Linear Integrated Systems

LS-402 Datasheet HTML 1Page - Linear Integrated Systems LS-402 Datasheet HTML 2Page - Linear Integrated Systems

LS-402 Product details

FEATURES
  LOW DRIFT        |V GS1-2 / T| = 10µV/°C TYP.
  LOW NOISE        en = 6nV/Hz @ 10Hz TYP.
  LOW PINCHOFF     Vp = 2.5V TYP.




Similar Part No. - LS-402

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
LS-400 IET-LS-400 Datasheet
301Kb / 2P
   RS Series -- Standard Models
LS-400-NIST IET-LS-400-NIST Datasheet
301Kb / 2P
   RS Series -- Standard Models
LS-400A IET-LS-400A Datasheet
301Kb / 2P
   RS Series -- Standard Models
LS-400A-NIST IET-LS-400A-NIST Datasheet
301Kb / 2P
   RS Series -- Standard Models
LS-400L IET-LS-400L Datasheet
301Kb / 2P
   RS Series -- Standard Models
More results


Similar Description - LS-402

ManufacturerPart #DatasheetDescription
logo
Micross Components
2N3954 MICROSS-2N3954 Datasheet
283Kb / 1P
   Low Noise, Low Drift, Monolithic Dual N-Channel JFET
SST404_PDIP MICROSS-SST404_PDIP Datasheet
282Kb / 1P
   Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U402_TO-71 MICROSS-U402_TO-71 Datasheet
287Kb / 1P
   Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U405_TO-78 MICROSS-U405_TO-78 Datasheet
286Kb / 1P
   Low Noise, Low Drift, Monolithic Dual N-Channel JFET
U406_TO-71 MICROSS-U406_TO-71 Datasheet
286Kb / 1P
   Low Noise, Low Drift, Monolithic Dual N-Channel JFET
2N5906 MICROSS-2N5906 Datasheet
292Kb / 1P
   LOW NOISE, LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
2N5905_TO-78 MICROSS-2N5905_TO-78 Datasheet
292Kb / 1P
   LOW NOISE, LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
logo
Linear Integrated Syste...
LS3954-8 LINEAR-LS3954-8 Datasheet
33Kb / 2P
   LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
logo
Micross Components
2N5907_TO-78 MICROSS-2N5907_TO-78 Datasheet
292Kb / 1P
   LOW NOISE, LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
U401_TO-78 MICROSS-U401_TO-78 Datasheet
286Kb / 1P
   Low Noise, Low Drift, Monolithic Dual N-Channel JFET
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com