Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C22LT1G Datasheet (PDF) - ON Semiconductor

BZX84C22LT1G Datasheet PDF - ON Semiconductor
Part # BZX84C22LT1G
Download  BZX84C22LT1G Download

File Size   80.95 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Zener Voltage Regulators

BZX84C22LT1G Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84C22LT1G Datasheet PDF - ON Semiconductor

Part # BZX84C22LT1G
Download  BZX84C22LT1G Click to download

File Size   80.95 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Zener Voltage Regulators

BZX84C22LT1G Datasheet (HTML) - ON Semiconductor

BZX84C22LT1G Datasheet HTML 1Page - ON Semiconductor BZX84C22LT1G Datasheet HTML 2Page - ON Semiconductor BZX84C22LT1G Datasheet HTML 3Page - ON Semiconductor BZX84C22LT1G Datasheet HTML 4Page - ON Semiconductor BZX84C22LT1G Datasheet HTML 5Page - ON Semiconductor BZX84C22LT1G Datasheet HTML 6Page - ON Semiconductor BZX84C22LT1G Datasheet HTML 7Page - ON Semiconductor BZX84C22LT1G Datasheet HTML 8Page - ON Semiconductor

BZX84C22LT1G Product details

Zener Voltage Regulators
225 mW SOT−23 Surface Mount

This series of Zener diodes is offered in the convenient, surface mount plastic SOT−23 package. These devices are designed to provide voltage regulation with minimum space requirement. They are well suited for applications such as cellular phones, hand held portables, and high density PC boards.

Features
• 225 mW Rating on FR−4 or FR−5 Board
• Zener Breakdown Voltage Range − 2.4 V to 75 V
• Package Designed for Optimal Automated Board Assembly
• Small Package Size for High Density Applications
• ESD Rating of Class 3 (>16 KV) per Human Body Model
• Tight Tolerance Series Available (See Page 4)
• Pb−Free Packages are Available




Similar Part No. - BZX84C22LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BZX84C22LT1G ONSEMI-BZX84C22LT1G Datasheet
79Kb / 7P
   Zener Voltage Regulators
October, 2005 ??Rev. 11
BZX84C22LT1G ONSEMI-BZX84C22LT1G Datasheet
142Kb / 7P
   Zener Voltage Regulators
May, 2013 ??Rev. 17
BZX84C22LT1G ONSEMI-BZX84C22LT1G Datasheet
91Kb / 7P
   Zener Voltage Regulators
October, 2016 ??Rev. 22
BZX84C22LT1G ONSEMI-BZX84C22LT1G Datasheet
223Kb / 8P
   Zener Voltage Regulators 250 mW SOT−23 Surface Mount
August, 2021 - Rev. 23
More results


Similar Description - BZX84C22LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com