|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ADS850Y - 14-Bit, 10MSPS Self-Calibrating ANALOG-TO-DIGITAL CONVERTER - Texas Instruments |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ADS7890 | 14-BIT 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER | 1 2 3 4 5 More | Texas Instruments |
| MP87L76 | CMOS 10MSPS 8-BIT HIGH SPEED LOW POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN | 1 2 3 4 5 More | Exar Corporation |
| ADS5422 | 14-Bit 62MSPS Sampling ANALOG-TO-DIGITAL CONVERTER | 1 2 3 4 5 More | Texas Instruments |
| ADSD-1410S | Dual 14-Bit 10MSPS Sampling A/D Converter | 1 2 3 4 5 | C&D Technologies |
| ADS8324 | 14-Bit High Speed 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER | 1 2 3 4 5 More | Texas Instruments |
| ADC14061 | Self-Calibrating 14-Bit 2.5 MSPS 390 mW A/D Converter | 1 2 3 4 5 More | National Semiconductor |
| ADS5421 | 14-Bit 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER | 1 2 3 4 5 More | Burr-Brown Corporation |
| ADS852 | 14-Bit 65MHz Sampling ANALOG-TO-DIGITAL CONVERTER | 1 2 3 4 5 | Burr-Brown Corporation |
| ADS1100 | Self-Calibrating 16-Bit ANALOG-TO-DIGITAL CONVERTER | 1 2 3 4 5 More | Burr-Brown Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 |
Link URL |
|
|