|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
1N6533 - 2,000 V - 10,000 V Rectifiers - ETC |
|
Click 1N6533 to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 1N6513U | 2 000 V - 5 000 V Rectifiers | ETC |
| X06FF3 | 600 V - 1 000 V Rectifiers | ETC |
| K25S | 2 500 V - 10 000 V Rectifiers | ETC |
| M50FF3 | 5 000 V - 16 000 V Rectifiers | ETC |
| 1N6513 | 2 000 V - 10 000 V Rectifiers 0.5 A - 2.0 A Forward Current 70 ns Recovery Time | ETC |
| 1N6521 | 2 000 V - 10 000 V Rectifiers | ETC |
| 1N6521U | 2 000 V - 5 000 V Rectifiers | ETC |
| 1N6837 | 2 000 V - 5 000 V Rectifiers | ETC |
| Z25UFG | 2 500 V - 10 000 V Rectifiers 0.50 A - 1.5 A Forward Current 100 ns Recovery Time | ETC |
| Z25SG | 2 500 V - 10 000 V Rectifiers 0.50 A - 1.5 A Forward Current 3000 ns Recovery Time | ETC |
Link URL |
|
|
Related keyword |
| 1N6533 Datasheet | 1N6533 Cross Reference | 1N6533 Schematic | 1N6533 Distributor | 1N6533 Datenblatt | 1N6533 RoHS |
| 1N6533 Equivalent | 1N6533 Application Notes | 1N6533 Data Sheet | 1N6533 component | 1N6533 Fiche Technique | 1N6533 Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |