![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
2SB1427 - Power transistor (-20V, -2A) - Rohm |
|
Click Here View 2SB1427 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 2N6059_03 | SILICON NPN POWER DARLINGTON TRANSISTOR | STMicroelectronics |
| BLS2933-100 | Microwave power LDMOS transistor | NXP Semiconductors |
| 2SD2402 | NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING | NEC |
| MRF1513NT1 | RF Power Field Effect Transistor N−Channel Enhancement−Mode Lateral MOSFET | Freescale Semiconductor, Inc |
| RD07MVS1 | Silicon MOSFET Power Transistor 175MHz 520MHz 7W | Mitsubishi Electric Semiconductor |
| 2N6388_00 | SILICON NPN POWER DARLINGTON TRANSISTOR | STMicroelectronics |
| 2STR1215 | Low voltage fast-switching NPN power transistor | STMicroelectronics |
| BUL704 | High voltage fast-switching NPN Power Transistor | STMicroelectronics |
| BUL903EDFP | HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR | STMicroelectronics |
| BULK128D-B | HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR | STMicroelectronics |
Link URL |
|
|
Related keyword |
| 2SB1427 Datasheet | 2SB1427 Cross Reference | 2SB1427 Schematic | 2SB1427 Distributor | 2SB1427 Datenblatt | 2SB1427 RoHS |
| 2SB1427 Equivalent | 2SB1427 Application Notes | 2SB1427 Data Sheet | 2SB1427 component | 2SB1427 Fiche Technique | 2SB1427 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |