|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
STK-040 - 10,15,20W MIN AF POWER AMP - List of Unclassifed Manufacturers |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| STK4017 | 6.5 TO 25E MIN AF POWER AMP | 1 | List of Unclassifed Manufacturers |
| STK0100II | Thick Film Hybrid Integrated Circuit 100W MIN AF POWER AMP OUTPUT STAGE DPP | 1 | Sanyo Semicon Device |
| NTE15034 | Integrated Circuit Module - AF Power Amp 2-Channel 100W Min | 1 2 | NTE Electronics |
| STK032 | 25 W MIN AF POWER AMP | 1 2 | List of Unclassifed Manufacturers |
| STK463 | 2 POWER 2 CHANNEL 10 to 30W min AF POWER AMP | 1 | Sanyo Semicon Device |
| STK-084G | 50 70W MIN AP POWER AMP | 1 | List of Unclassifed Manufacturers |
| STK8250 | 50W MIN AF POWER AMP | 1 2 | Sanyo Semicon Device |
| STK8280 | 80W MIN AF POWER AMP OUTPUT STAGE DUAL SUPPLIES WITH BUILT-IN QUASI CLASS A BIAS CIRCUIT | 1 2 | Sanyo Semicon Device |
| STK1050II | Thick Film Hybrid Integrated Circuit 50W min AF Power Amp Output Stage With Built-in Emitter Resistance | 1 2 | Sanyo Semicon Device |
| NTE1347 | Integrated Circuit Module Hybrid Dual Audio Power Amp 20W/Ch 2 Power Supplies Required | 1 2 | NTE Electronics |
Datasheet Page |
1 |
Link URL |
|
|