|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
NCP1117 - 1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators - ON Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IL33269 | LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS | 1 2 | Integral Corp. |
| LD1085 | 3A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS | 1 2 3 4 5 More | STMicroelectronics |
| LD1086 | 1.5A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS | 1 2 3 4 5 More | STMicroelectronics |
| LR1117 | LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS | 1 2 3 4 5 More | Leshan Radio Company |
| LD1117A | LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS | 1 2 3 4 5 More | STMicroelectronics |
| YD1117 | LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS | 1 2 3 4 5 More | Wuxi Youda electronics Co.,LTD |
| RT9164 | 1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| UTCLD1117A | LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS | 1 2 3 4 5 More | Unisonic Technologies |
| LD1117 | LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 |
Link URL |
|
|