|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CLC5957 - 12-bit, 70MSPS Broadband Monolithic A/D Converter - National Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CLC5956 | 12-bit 65 MSPS Broadband Monolithic A/D Converter | 1 2 3 4 5 More | National Semiconductor |
| AD9224 | Complete 12-Bit 40 MSPS Monolithic A/D Converter | 1 2 3 4 5 More | Analog Devices |
| AD9225 | Complete 12-Bit 25 MSPS Monolithic A/D Converter | 1 2 3 4 5 More | Analog Devices |
| CLC5955 | 11-bit 55MSPS Broadband Monolithic A/D Converter | 1 2 3 4 5 More | National Semiconductor |
| AD9022 | 12-Bit 20 MSPS Monolithic A/D Converter | 1 2 3 4 5 More | Analog Devices |
| AD671 | Monolithic 12-Bit 2 MHz A/D Converter | 1 2 3 4 5 More | Analog Devices |
| DAC600 | 12-Bit 256MHz Monolithic DIGITAL-TO-ANALOG CONVERTER | 1 2 3 4 5 More | Burr-Brown Corporation |
| AD1671 | Complete 12-Bit 1.25 MSPS Monolithic A/D Converter | 1 2 3 4 5 More | Analog Devices |
| AD1672 | Complete 12-Bit 3 MSPS Monolithic A/D Converter | 1 2 3 4 5 More | Analog Devices |
| AD871 | Complete 12-Bit 5 MSPS Monolithic A/D Converter | 1 2 3 4 5 More | Analog Devices |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|