|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MIC49150 - 1.5A Low Voltage LDO Regulator w/Dual Input Voltages - Micrel Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MIC49300 | 3.0A LOW VOLTAGE LDO REGULATOR W/DUAL INPUT VOLTAGES | 1 2 3 4 5 More | Micrel Semiconductor |
| MIC37139 | 1.5A LOW VOLTAGE UCAP LDO REGULATOR | 1 2 3 4 5 More | Micrel Semiconductor |
| TS1583 | 1.5A Dual Input Low Dropout Positive Voltage Regulator | 1 2 3 4 5 More | Taiwan Semiconductor Company, Ltd |
| MIC5233 | High Input Voltage Low IQ uCap LDO Regulator | 1 2 3 4 5 More | Micrel Semiconductor |
| LTC3026 | 1.5A Low Input Voltage VLDO Linear Regulator | 1 2 3 4 5 More | Linear Technology |
| MIC49200 | 2A LOW VOLTAGE LDO WITH DUAL INPUT VOLTAGES | 1 2 3 4 5 More | Micrel Semiconductor |
| MCP1827S | 1.5A Low Voltage Low Quiescent Current LDO Regulator | 1 2 3 4 5 More | Microchip Technology |
| AMS1086 | 1.5A LOW DROPOUT VOLTAGE REGULATOR | 1 2 3 4 5 More | Advanced Monolithic Systems |
| SPX1583 | 1.5A Ultra Low Dropout Voltage Regulator Fast Response Adjustable & Fixed | 1 2 3 4 5 | Sipex Corporation |
| SPX2815 | 1.5A Low Dropout Voltage Regulator | 1 2 3 4 5 More | Sipex Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|