|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
1N4764A - 1.0W Zener Diode - Comchip Technology |
|
Click 1N4764A to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| CLL4729A | 1.0W ZENER DIODE 5% TOLERANCE | Central Semiconductor Corp |
| ZM4728A | 1.0W SURFACE MOUNT ZENER DIODE | Diodes Incorporated |
| SMAZ100 | 1.0W SURFACE MOUNT ZENER DIODE | Vishay Siliconix |
| DFLZ5V1 | 1.0W SURFACE MOUNT POWER ZENER DIODE | Diodes Incorporated |
| 1N3710B | 1.0W ZENER DIODE 6.8 VOLTS TO 200 VOLTS 5% TOLERANCE | Central Semiconductor Corp |
| 2Z27A | TOSHIBA ZENER DIODE SILICON DIFFUSED TYPE | Toshiba Semiconductor |
| NTE5000A | Zener Diode 1/2 Watt กพ5% Tolerance | NTE Electronics |
| DDZ9693 | SURFACE MOUNT PRECISION ZENER DIODE | Diodes Incorporated |
| PTZ7.5B | Zener diode | Rohm |
| CMPZDA2V4 | SURFACE MOUNT DUAL SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 350mW | Central Semiconductor Corp |
Link URL |
|
|
Related keyword |
| 1N4764A Datasheet | 1N4764A Cross Reference | 1N4764A Schematic | 1N4764A Distributor | 1N4764A Datenblatt | 1N4764A RoHS |
| 1N4764A Equivalent | 1N4764A Application Notes | 1N4764A Data Sheet | 1N4764A component | 1N4764A Fiche Technique | 1N4764A Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |