|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N4728A - 1.0W Zener Diode - Comchip Technology |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CLL4729A | 1.0W ZENER DIODE 5% TOLERANCE | 1 2 | Central Semiconductor Corp |
| ZM4728A | 1.0W SURFACE MOUNT ZENER DIODE | 1 2 3 | Diodes Incorporated |
| SMAZ100 | 1.0W SURFACE MOUNT ZENER DIODE | 1 2 3 | Vishay Siliconix |
| DFLZ5V1 | 1.0W SURFACE MOUNT POWER ZENER DIODE | 1 2 3 | Diodes Incorporated |
| 1N3710B | 1.0W ZENER DIODE 6.8 VOLTS TO 200 VOLTS 5% TOLERANCE | 1 2 | Central Semiconductor Corp |
| 2Z27A | TOSHIBA ZENER DIODE SILICON DIFFUSED TYPE | 1 2 3 | Toshiba Semiconductor |
| NTE5000A | Zener Diode 1/2 Watt ±5% Tolerance | 1 2 3 | NTE Electronics |
| DDZ9693 | SURFACE MOUNT PRECISION ZENER DIODE | 1 2 3 4 5 More | Diodes Incorporated |
| PTZ7.5B | Zener diode | 1 2 3 4 5 | Rohm |
| CMPZDA2V4 | SURFACE MOUNT DUAL SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 350mW | 1 2 | Central Semiconductor Corp |
Datasheet Page |
1 2 3 |
Link URL |
|
|