Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZRB2014 Datasheet (PDF) - Comchip Technology

CZRB2014 Datasheet PDF - Comchip Technology
Part # CZRB2014
Download  CZRB2014 Download

File Size   97.36 Kbytes
Page   5 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description Surface Mount Zener Diode

CZRB2014 Datasheet (PDF)

Go To PDF Page Download Datasheet
CZRB2014 Datasheet PDF - Comchip Technology

Part # CZRB2014
Download  CZRB2014 Click to download

File Size   97.36 Kbytes
Page   5 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description Surface Mount Zener Diode

CZRB2014 Datasheet (HTML) - Comchip Technology

CZRB2014 Datasheet HTML 1Page - Comchip Technology CZRB2014 Datasheet HTML 2Page - Comchip Technology CZRB2014 Datasheet HTML 3Page - Comchip Technology CZRB2014 Datasheet HTML 4Page - Comchip Technology CZRB2014 Datasheet HTML 5Page - Comchip Technology

CZRB2014 Product details

Voltage: 11 - 100 Volts Power: 2.0 Watt

Features
- For surf ace mounted applications in order to optimize board space
- Low profile package
- Built-in strain relief
- Glass passivated junction
- Low inductance
- Excellent clamping capability
- Typical I less than 1uA above 11V D
- High temperature soldering 260°C /10 seconds at terminals
- Plastic package has underwriters laboratory flammability classification 94V-O




Similar Part No. - CZRB2014

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRB2110 COMCHIP-CZRB2110 Datasheet
66Kb / 3P
   Surface Mount Zener Diodes
CZRB2115 COMCHIP-CZRB2115 Datasheet
66Kb / 3P
   Surface Mount Zener Diodes
CZRB2120 COMCHIP-CZRB2120 Datasheet
66Kb / 3P
   Surface Mount Zener Diodes
CZRB2130 COMCHIP-CZRB2130 Datasheet
66Kb / 3P
   Surface Mount Zener Diodes
CZRB2140 COMCHIP-CZRB2140 Datasheet
66Kb / 3P
   Surface Mount Zener Diodes
More results


Similar Description - CZRB2014

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com