|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
P6KE - 600w Transient Voltage Suppressor - Comchip Technology |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| P6SMBJ5.0 | 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 4 | Formosa MS |
| P6KE6V8CA | 600W TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 4 | Diodes Incorporated |
| SMAT70A | 400W 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 | Diodes Incorporated |
| SMBJ50AT | 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | 1 2 | Diodes Incorporated |
| SMBJ50CA | 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 | Diodes Incorporated |
| SMBJ5.0 | Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors | 1 2 3 4 5 | Littelfuse |
| LCDP1521 | DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION | 1 2 3 4 5 More | STMicroelectronics |
| 15KE | GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 4 5 | Transys Electronics |
| TFMCJ | GPP TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT PEAK POWER 1.0 WATT STEADY STATE | 1 2 3 4 | Rectron Semiconductor |
| 1.5KE6.8 | TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 4 | Dc Components |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|