|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ISL9R2480G2 - 24A, 800V Stealth™ Diode - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HGTG12N60C3D | 24A 600V UFS SERIES N-CHANNEL IGBT WITH ANTI-PARALLEL HYPERFAST DIODE | 1 2 3 4 5 More | Fairchild Semiconductor |
| PD1518 | DIODE MODULE - 150A/800V | 1 2 3 4 5 More | Nihon Inter Electronics Corporation |
| ISL9R30120G2 | 30A 1200V Stealth⢠Diode | 1 2 3 4 5 More | Fairchild Semiconductor |
| PT768 | DIODE MODULE 75A/800V | 1 2 3 | Nihon Inter Electronics Corporation |
| PD2018 | DIODE MODULE - 200A/800V | 1 2 3 4 5 More | Nihon Inter Electronics Corporation |
| PT30S8 | DIODE MODULE 30A/800V | 1 2 3 | Nihon Inter Electronics Corporation |
| ISL9R3060G2 | 30A 600V Stealth⢠Diode | 1 2 3 4 5 More | Fairchild Semiconductor |
| PT50S8 | DIODE MODULE 50A/800V | 1 2 3 4 5 | Nihon Inter Electronics Corporation |
| ISL9R460P2 | 4A 600V Stealth⢠Diode | 1 2 3 4 5 More | Fairchild Semiconductor |
| PT76S8 | DIODE MODULE 75A/800V | 1 2 3 | Nihon Inter Electronics Corporation |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|