Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C199L-10VC Datasheet (PDF) - Cypress Semiconductor

CY7C199L-10VC Datasheet PDF - Cypress Semiconductor
Part # CY7C199L-10VC
Download  CY7C199L-10VC Download

File Size   317.03 Kbytes
Page   13 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 32K x 8 Static RAM

CY7C199L-10VC Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C199L-10VC Datasheet PDF - Cypress Semiconductor

Part # CY7C199L-10VC
Download  CY7C199L-10VC Click to download

File Size   317.03 Kbytes
Page   13 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 32K x 8 Static RAM

CY7C199L-10VC Datasheet (HTML) - Cypress Semiconductor

Back Button CY7C199L-10VC Datasheet HTML 1Page - Cypress Semiconductor CY7C199L-10VC Datasheet HTML 2Page - Cypress Semiconductor CY7C199L-10VC Datasheet HTML 3Page - Cypress Semiconductor CY7C199L-10VC Datasheet HTML 4Page - Cypress Semiconductor CY7C199L-10VC Datasheet HTML 5Page - Cypress Semiconductor CY7C199L-10VC Datasheet HTML 6Page - Cypress Semiconductor CY7C199L-10VC Datasheet HTML 7Page - Cypress Semiconductor CY7C199L-10VC Datasheet HTML 8Page - Cypress Semiconductor CY7C199L-10VC Datasheet HTML 9Page - Cypress Semiconductor CY7C199L-10VC Datasheet HTML 10Page - Cypress Semiconductor Next Button 

CY7C199L-10VC Product details

Functional Description
The CY7C199 is a high-performance CMOS static RAM organized as 32,768 words by 8 bits. Easy memory expansion is provided by an active LOW Chip Enable (CE) and active LOW Output Enable (OE) and three-state drivers.
This device has an automatic power-down feature, reducing the power consumption by 81% when deselected. The CY7C199 is in the standard 300-mil-wide DIP, SOJ, and LCC packages.

Features
• High speed
   — 10 ns
• Fast tDOE
• CMOS for optimum speed/power
• Low active power
   — 467 mW (max, 12 ns “L” version)
• Low standby power
   — 0.275 mW (max, “L” version)
• 2V data retention (“L” version only)
• Easy memory expansion with CE and OE features
• TTL-compatible inputs and outputs
• Automatic power-down when deselected




Similar Part No. - CY7C199L-10VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199L-10VC CYPRESS-CY7C199L-10VC Datasheet
315Kb / 16P
   32K x 8 Static RAM
More results


Similar Description - CY7C199L-10VC

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
   32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C198 CYPRESS-CY7C198 Datasheet
467Kb / 9P
   32K x 8 Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com